Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4373389 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4373389
Description  IEC Standard Thermocouple Panel Systems – Type K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4373389 Datasheet(HTML) 2 Page - Labfacility Ltd

  4373389 Datasheet HTML 1Page - Labfacility Ltd 4373389 Datasheet HTML 2Page - Labfacility Ltd 4373389 Datasheet HTML 3Page - Labfacility Ltd 4373389 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Connector Panel Systems - 15
Mar-24
A range of pre-assembled standard panel assemblies designed for use with
thermocouples or leads with standard plugs. They are robust and perfect for mounting
in control rooms, test stands, laboratory applications, control rooms, and more. They
support calibration codes including K, J & T with quick wire sockets, with a maximum
temperature range up to +120°C. These panels can be fitted horizontal or vertically.
Specifications
General Description
A selection of standard IEC pre-assembled thermocouple
panels, to suit your specific application.
Thermocouple Type
K IEC
Connector Size
Standard
Number of Connectors and
panel sizes
1 x Connector
66mm x 50mm
2 x Connectors
66mm x 69mm
3 x Connectors
66mm x 88mm
4 x Connectors
66mm x 107mm
6 x Connectors
66mm x 145mm
10 x Connectors
66mm x 221mm
12 x Connectors
66mm x 259mm
20 x Connectors
111mm x 221mm
Connector Type
Fascia Mounting Socket
Colour
Green
Max. Temperature
120°C
+Positive Contact
Nickel Chromium
-Negative Contact
Nickel Alloy
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Stock Number
Manufacturers
Number
Thermocouple
Type
Size
Colour
Code
Number of
connectors/Ways
Panel Size
4373389
IS-K-FF + FSP-1
K
Standard
IEC
1
66mm x 50mm
4373391
IS-K-FF + FSP-2
K
Standard
IEC
2
66mm x 69mm
4373392
IS-K-FF + FSP-3
K
Standard
IEC
3
66mm x 88mm
4373393
IS-K-FF + FSP-4
K
Standard
IEC
4
66mm x 107mm
4373394
IS-K-FF + FSP-6
K
Standard
IEC
6
66mm x 145mm
4373395
IS-K-FF + FSP-10
K
Standard
IEC
10
66mm x 221mm
4373396
IS-K-FF + FSP-12
K
Standard
IEC
12
66mm x 259mm
4373397
IS-K-FF + FSP-20
K
Standard
IEC
20
111mm x 221mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com