Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7086404 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 7086404
Description  Miniature Thermocouple Connector Plug IM-T-M Type T IEC (Pack of 10)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

7086404 Datasheet(HTML) 2 Page - Labfacility Ltd

  7086404 Datasheet HTML 1Page - Labfacility Ltd 7086404 Datasheet HTML 2Page - Labfacility Ltd 7086404 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
MULTI CONNECTORS - 36 (T)
Mar-24
Specifications
General Description
Ideal for general purpose use. Contacts are polarised to ensure
correct connection.
Thermocouple Type
T IEC
Connector Type
Plug
Pack Size
10
Connector Size
Miniature
Colour
Brown
Max. Temperature
220°C
Pins
Flat Pins
+Positive Contact
Copper
-Negative Contact
Copper Nickel
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple
Type
Colour
Code
Size
Style
Manufacturers
Number
Pack Size
Farnell order
Number
T
IEC
Miniature
Plug
IM-T-M
1
7086404
T
IEC
Miniature
Plug
IM-T-M
10
XF-2861-FAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com