Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPDF5012.A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # GPDF5012.A
Description  Multiband High Precision GNSS Stacked Patch Antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF5012.A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  GPDF5012.A Datasheet HTML 1Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 2Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 3Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 4Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 5Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 6Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 7Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 8Page - Taoglas antenna solutions GPDF5012.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
SPE-20-8-103-E
www.taoglas.com
The Taoglas GPDF5012.A is a high performance, multi-band passive GNSS antenna that has been carefully
designed to provide fantastic positional accuracy on the full GNSS spectrum. It covers GPS/QZSS L1/L2/L5,
GLONASS G1/G2/G3, Galileo E1/E5a/E5b, BeiDou B1/B2a/B2b, NAVIC L5, as well as SBAS
(WAAS/EGNOS/GAGAN/SDCM/SNAS).
Correct implementation of the GPDF5012.A allows the user to achieve higher location accuracy, as well as
stability of position tracking in urban environments. The stacked patch construction has excellent
performance across the full bandwidth of the antenna. Its design has an even gain across the hemisphere,
giving excellent axial ratio, which in turn makes it extremely resilient to multipath rejection and provides
excellent phase centre stability.
Typical applications that benefit from high precision capabilities include:
• Autonomous Driving
• Precision Positioning for Robotics
• Precision Agriculture
• Telematics & Container / Asset Tracking
• Timing Accuracy Synchronization
The GPDF5012.A is the latest embedded addition to Taoglas’ product portfolio of high precision GNSS
antennas. When used on the base and/or the rover as part of an RTK configuration, the GPDF5012.A can
achieve genuine cm-level accuracy with proven results.
Full integration guidelines are contained in Section 8 of this datasheet including the Taoglas HC125.A hybrid
coupler that will be required for use for dual pin feed patch integrations. An active version of this antenna,
the ADFGP.50A.07.0100C is available and supplied with 100mm cable and I-PEX MHFI connector as standard.
Contact your local Taoglas Customer Services team for more information on any of the products listed above
or for support regarding integration.
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com