Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57153S0 Datasheet(PDF) 4 Page - EPCOS

Part # B57153S0
Description  NTC thermistors for inrush current limiting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57153S0 Datasheet(HTML) 4 Page - EPCOS

  B57153S0 Datasheet HTML 1Page - EPCOS B57153S0 Datasheet HTML 2Page - EPCOS B57153S0 Datasheet HTML 3Page - EPCOS B57153S0 Datasheet HTML 4Page - EPCOS B57153S0 Datasheet HTML 5Page - EPCOS B57153S0 Datasheet HTML 6Page - EPCOS B57153S0 Datasheet HTML 7Page - EPCOS B57153S0 Datasheet HTML 8Page - EPCOS B57153S0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NTC thermistors for inrush current limiting
B57153S0***M0**
Inrush Current Limiters (ICLs)
S153/**/M**
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 4 of 14
Important notes at the end of this document.
Table 2
R25
Imax2
Ct2
Ct2
Rmin
Ordering code
(0...65 °C)
at 230 V AC
at 110 V AC
(at Imax, 25 °C)
Ω
A
μF
μF
Ω
4.7
3.0
175
700
0.154
B57153S0479M0**
8
2.2
175
700
0.279
B57153S0809M0**
10
2.0
175
700
0.340
B57153S0100M0**
20
2.0
175
700
0.528
B57153S0200M0**
33
1.3
175
700
0.832
B57153S0330M0**
50
1.1
210
840
1.146
B57153S0500M0**
120
1.0
175
700
1.551
B57153S0121M0**
Remark: Imax2 & Ct2 in table 2 refer to below testing method.
**= Delivery mode
00=Bulk
51=Reel packing
54=Ammo packing
Ct2
Test capacitance [μF]
Imax2
Max current across the NTC under test [A]
Number of cycles: 1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com