Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57211P0 Datasheet(PDF) 4 Page - EPCOS

Part # B57211P0
Description  NTC thermistors for inrush current limiting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57211P0 Datasheet(HTML) 4 Page - EPCOS

  B57211P0 Datasheet HTML 1Page - EPCOS B57211P0 Datasheet HTML 2Page - EPCOS B57211P0 Datasheet HTML 3Page - EPCOS B57211P0 Datasheet HTML 4Page - EPCOS B57211P0 Datasheet HTML 5Page - EPCOS B57211P0 Datasheet HTML 6Page - EPCOS B57211P0 Datasheet HTML 7Page - EPCOS B57211P0 Datasheet HTML 8Page - EPCOS B57211P0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NTC thermistors for inrush current limiting
B57211P0***M3*1
Inrush Current Limiters (ICLs)
P11/**/M3*1
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 4 of 14
Important notes at the end of this document.
Electrical specification and ordering codes
Table 1
R25
Imax1
Ct1
Ct1
Rmin
Ordering code
(0...25 °C)
at 230 V AC
at 110 V AC
(at Imax, 25 °C)
Ω
A
μF
μF
Ω
1
7
330
1320
0.042
B57211P0109M3*1
2.5
6
330
1320
0.066
B57211P0259M3*1
4
5
330
1320
0.097
B57211P0409M3*1
5
5
330
1320
0.102
B57211P0509M3*1
8
4
330
1320
0.159
B57211P0809M3*1
10
4
330
1320
0.161
B57211P0100M3*1
12
4
330
1320
0.171
B57211P0120M3*1
16
3
330
1320
0.278
B57211P0160M3*1
20
3
330
1320
0.286
B57211P0200M3*1
25
2.5
330
1320
0.371
B57211P0250M3*1
33
2.5
330
1320
0.404
B57211P0330M3*1
40
2
330
1320
0.590
B57211P0400M3*1
47
2
330
1320
0.615
B57211P0470M3*1
120
1.5
330
1320
1.152
B57211P0121M3*1
Remark: Imax1 & Ct1 in table 1 are tested according to UL and IEC certificat.
*= Delivery mode
0=Bulk
4=Ammo packing
5=Reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com