Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57235S0 Datasheet(PDF) 4 Page - EPCOS

Part # B57235S0
Description  NTC thermistors for inrush current limiting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57235S0 Datasheet(HTML) 4 Page - EPCOS

  B57235S0 Datasheet HTML 1Page - EPCOS B57235S0 Datasheet HTML 2Page - EPCOS B57235S0 Datasheet HTML 3Page - EPCOS B57235S0 Datasheet HTML 4Page - EPCOS B57235S0 Datasheet HTML 5Page - EPCOS B57235S0 Datasheet HTML 6Page - EPCOS B57235S0 Datasheet HTML 7Page - EPCOS B57235S0 Datasheet HTML 8Page - EPCOS B57235S0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NTC thermistors for inrush current limiting
B57235S0***M0**
Inrush Current Limiters (ICLs)
S235/**/M**
PPD VAR PD
2021-04-08
Please read Cautions and warnings and
Page 4 of 11
Important notes at the end of this document.
Reliability data
Test
Standard
Test conditions
| ∆R25/ R25 |
(typical)
Remarks
Storage in dry
heat
IEC
60068-2-2
Storage at upper category
temperature
T: 170°C
t: 1 000 h
< 20 %
No visible
damage
Storage in damp
heat, steady
state
IEC
60068-2-78
Temperature of air: 40°C
Relative humidity of air: 93 %
Duration: 21 days
< 20 %
No visible
damage
Rapid change of
temperature
IEC
60068-2-14
Lower test temperature: -55 °C
t: 30 min
Upper test temperature: 170 °C
t: 30 min
Time to change from lower to
upper temperature: < 30 s
Number of cycles: 10
< 20 %
No visible
damage
Endurance with
max. current
IEC
60539-1
Ambient temperature: 25 ±5 °C
I = Imax
t: 1000 h
< 20 %
No visible
damage
Cyclic
endurance
IEC
60539-1
Ambient temperature: 25 ±5 °C
I = Imax
On-time = 1 min
Cooling time = 5 min
Number of cycles: 1000
< 20 %
No visible
damage
Maximum
permissible
capacitance test
IEC
60539-1
Ambient temperature: 25 ±5 °C
Capacitance = Ctest
Number of cycles: 1000
< 20 %
No visible
damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com