Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57236S0 Datasheet(PDF) 4 Page - EPCOS

Part # B57236S0
Description  NTC thermistors for inrush current limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57236S0 Datasheet(HTML) 4 Page - EPCOS

  B57236S0 Datasheet HTML 1Page - EPCOS B57236S0 Datasheet HTML 2Page - EPCOS B57236S0 Datasheet HTML 3Page - EPCOS B57236S0 Datasheet HTML 4Page - EPCOS B57236S0 Datasheet HTML 5Page - EPCOS B57236S0 Datasheet HTML 6Page - EPCOS B57236S0 Datasheet HTML 7Page - EPCOS B57236S0 Datasheet HTML 8Page - EPCOS B57236S0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NTC thermistors for inrush current limiting
B57236S0***M0**
Inrush Current Limiters (ICLs)
S236/**/M**
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 4 of 16
Important notes at the end of this document.
Electrical specification and ordering codes
Table 1
R25
Imax1
Ct1
Ct2
Rmin
Ordering code
(0...65 °C)
at 230 V AC
at 110 V AC
(at Imax, 25 °C)
Ω
A
μF
μF
Ω
2.2
6
200
800
0.057
B57236S0229M0**
2.5
5.5
200
800
0.067
B57236S0259M0**
3
5
300
1200
0.077
B57236S0309M0**
4.7
4.6
300
1200
0.102
B57236S0479M0**
5
4.5
300
1200
0.108
B57236S0509M0**
8
3.7
300
1200
0.152
B57236S0809M0**
10
3.5
300
1200
0.180
B57236S0100M0**
12
3.2
300
1200
0.215
B57236S0120M0**
16
2.9
300
1200
0.262
B57236S0160M0**
20
2.8
300
1200
0.284
B57236S0200M0**
25
2.5
300
1200
0.357
B57236S0250M0**
40
2
300
1200
0.531
B57236S0400M0**
50
1.9
300
1200
0.594
B57236S0500M0**
80
1.6
400
1600
0.861
B57236S0800M0**
120
1.5
400
1600
0.990
B57236S0121M0**
Remark: Imax1 & Ct1 in table 1 are tested according to UL and IEC certificat.
**= Delivery mode
00=Bulk
51=Reel packing
54=Ammo packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com