Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57211P0809M31 Datasheet(PDF) 2 Page - EPCOS

Part # B57211P0809M31
Description  NTC thermistors for inrush current limiting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57211P0809M31 Datasheet(HTML) 2 Page - EPCOS

  B57211P0809M31 Datasheet HTML 1Page - EPCOS B57211P0809M31 Datasheet HTML 2Page - EPCOS B57211P0809M31 Datasheet HTML 3Page - EPCOS B57211P0809M31 Datasheet HTML 4Page - EPCOS B57211P0809M31 Datasheet HTML 5Page - EPCOS B57211P0809M31 Datasheet HTML 6Page - EPCOS B57211P0809M31 Datasheet HTML 7Page - EPCOS B57211P0809M31 Datasheet HTML 8Page - EPCOS B57211P0809M31 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NTC thermistors for inrush current limiting
B57211P0***M3*1
Inrush Current Limiters (ICLs)
P11/**/M3*1
PPD VAR PD
2021-04-22
Please read Cautions and warnings and
Page 2 of 14
Important notes at the end of this document.
Applications
Inrush current limiting, e.g. in switch-mode power supplies, soft-start motors
Features
Leaded and coated NTC thermistors
Tinned copper wire, kinked
Coating material flame retardant to UL 94 V-0
Component marking includes the manufacturer’s logo, resistance value and data code
Highly stable electrical characteristics
Approvals
UL 1434 (file number E338926)
IEC
VDE
CQC
Options
Resistance tolerance <20% and alternative lead configurations available on request
Delivery mode
Bulk (standard), cardboard tape on reel or Ammo pack
General technical data
Climatic category
(IEC 60068-1)
40/170/21
Max. power
(at 25 °C)
Pmax
3.0
W
Resistance tolerance
∆
RR/RR
±
20
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δth
approx. 13
mW/K
Thermal cooling time constant (in air)
τth
approx. 70
s
Heat capacity
Cth
approx. 910
mJ/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com