Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65611 Datasheet(PDF) 3 Page - EPCOS

Part # B65611
Description  Ferrites and accessories
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65611 Datasheet(HTML) 3 Page - EPCOS

  B65611 Datasheet HTML 1Page - EPCOS B65611 Datasheet HTML 2Page - EPCOS B65611 Datasheet HTML 3Page - EPCOS B65611 Datasheet HTML 4Page - EPCOS B65611 Datasheet HTML 5Page - EPCOS B65611 Datasheet HTML 6Page - EPCOS B65611 Datasheet HTML 7Page - EPCOS B65611 Datasheet HTML 8Page - EPCOS B65611 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
10/22
Please read Cautions and warnings and
Important notes at the end of this document.
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped (AL values/air gaps examples)
Ungapped
Other AL values/air gaps and materials on request – see Processing remarks on page 7.
with
center hole
without
center hole
l/A
le
Ae
Amin
Ve
0.26
52
202
—
10500
0.25
53.5
213
173
11400
mm–1
mm
mm2
mm2
mm3
m
57
59.5
g
Material
AL value
nH
s
approx.
mm
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
N48
250
3%
1.20
51
B65611+0250A048
400
3%
0.62
82
B65611+0400A048
630
3%
0.35
129
B65611+0630A048
1000
3%
0.22
205
B65611+1000A048
Material
AL value
nH
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
N48
7600 +30/–20%
1560
B65611D0000R048
N87
8000 +30/–20%
1600
< 5 (200 mT, 100 kHz, 100 °C) B65611W0000R087
N30
15200 +30/–20%
3040
B65611W0000R030
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65611
Core
P 36
 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com