Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7-25-1. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LS7-25-1.
Description  Black/white, laminated polyester label cassette.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS7-25-1. Datasheet(HTML) 1 Page - PANDUIT CORP.

  LS7-25-1. Datasheet HTML 1Page - PANDUIT CORP. LS7-25-1. Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
null
Part Number:
LS7-25-1
Product Family:
PanAcea™ LS7 Laminated Adhesive Label Tape
Product Line:
110 Punchdown Systems Labeling
Product Line:
Outlet Identification Labels
Product Line:
PanAcea LS7 Hand-Held Thermal Transfer Printer,
Label Parts and Accessories
RoHS Compliancy Status:
Compliant
Part Description:
Black/white, laminated polyester label cassette.
Height (In.):
.236
Height (mm):
6.00
Length (ft.):
26.2
Length (m):
8.0
Color (Legend/Background): Black/White
Labels Per Roll:
1


Similar Part No. - LS7-25-1.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS7-302 ETC2-LS7-302 Datasheet
2Mb / 2P
A smart smooth body to bring harmony to machinery
logo
PATLITE CORPORATION.
LS7-302BWC PATLITE-LS7-302BWC Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWC-RYGBC PATLITE-LS7-302BWC-RYGBC Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWC-RYGNN PATLITE-LS7-302BWC-RYGNN Datasheet
676Kb / 4P
Signal Tower
Rev. E
LS7-302BWH PATLITE-LS7-302BWH Datasheet
676Kb / 4P
Signal Tower
Rev. E
More results

Similar Description - LS7-25-1.

ManufacturerPart #DatasheetDescription
logo
3M Electronics
FMV02 3M-FMV02 Datasheet
24Kb / 4P
3M™ Void Polyester Label Products
Feb-2007
logo
PANDUIT CORP.
T038X000FJC-BK PANDUIT-T038X000FJC-BK Datasheet
126Kb / 1P
CUSTOMER DRAWING PI CASSETTE CONTINUOUS TAPE LABEL
C282X030Y1J PANDUIT-C282X030Y1J Datasheet
65Kb / 1P
OPTIMUM LASER / INK JET WHITE NON-ADHESIVE LABEL
C288X040Y1J PANDUIT-C288X040Y1J Datasheet
65Kb / 1P
OPTIMUM LASER/INK JET WHITE NON-ADHESIVE LABEL.
logo
DISCO Corporation
MDTC-300-01 DISCO-MDTC-300-01 Datasheet
138Kb / 1P
Cassette
MDTC-300-02 DISCO-MDTC-300-02 Datasheet
149Kb / 1P
Cassette
MDTC-300-03 DISCO-MDTC-300-03 Datasheet
146Kb / 1P
Cassette
logo
PHOENIX CONTACT
1309765 PHOENIX-1309765 Datasheet
48Kb / 2P
Label - EV-LABEL-L
logo
3M Electronics
AL-36NC 3M-AL-36NC Datasheet
226Kb / 2P
Polyester-Laminated Aluminum Foil with Acrylic Adhesive
2004
AL-37BLK 3M-AL-37BLK Datasheet
228Kb / 2P
Black Polyester Film (Matte Finish) Laminated Aluminum Foil with Conductive Acrylic Adhesive
2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com