Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8EQ Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LS8EQ
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8EQ Datasheet(HTML) 1 Page - PANDUIT CORP.

  LS8EQ Datasheet HTML 1Page - PANDUIT CORP. LS8EQ Datasheet HTML 2Page - PANDUIT CORP. LS8EQ Datasheet HTML 3Page - PANDUIT CORP. LS8EQ Datasheet HTML 4Page - PANDUIT CORP. LS8EQ Datasheet HTML 5Page - PANDUIT CORP. LS8EQ Datasheet HTML 6Page - PANDUIT CORP. LS8EQ Datasheet HTML 7Page - PANDUIT CORP. LS8EQ Datasheet HTML 8Page - PANDUIT CORP. LS8EQ Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.panduit.com
PanTher ™ LS8E and
LS8EQ
Hand-Held Thermal Transfer Printers
Key Features
Benefits
Label cut-to-length functionality
Eliminates label waste and time associated with trimming labels
Cassettes with automatic
label recognition
Fast-loading label cassette
Contains both label material and ribbon to make changing labels easy
Unique cutter design allows full
or partial label cutting
Flexibility to create individually cut labels or a strip of tear-apart labels for
quicker installation
USB interface
Allows importing data, system upgrades, and printing labels from a wireless laptop
or desktop computer
Market specific labeling tools
Simplify label creation for network components, panel building, and construction
and maintenance
Label cassettes contain an integrated memory device for automatic formatting,
recall of last legend used, and number of labels remaining in the cassette
Label Types
Self-Laminating Labels
Turn-Tell ® Labels
Marker Plates
Flag Labels
Die-Cut Vinyl Cloth Labels
Die-Cut Heat Shrink Labels
Die-Cut Component Labels
Die-Cut Nylon Cloth Labels
QWERTY keypad
Innovative design delivers faster text entry and label design for
enhanced productivity
Label Types
Continuous Heat Shrink Labels
Continuous Vinyl Cloth Labels
Continuous Nylon Cloth Labels
Continuous Terminal Block Labels
Continuous Tapes
Continuous Reflective Tapes
Ultimate ID ® Network Labels
Die-Cut Component Labels
Product Bulletin
The PanTher™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
produce high-quality, industrial labels on a wide variety of label materials for
electrical and network applications such as wire/cable, components, safety,
and facility identification.
A partial cut feature provides the flexibility to create tear-apart labels for quicker
installation. The printers use label cassettes that contain an integrated memory
device for automatic formatting, recall of last legend used, and the number of labels
remaining in the cassette. These fast-loading P1™ label cassettes include both label
material and ribbon to make changing labels easy.
Part of the complete line of identification solutions from Panduit, the PanTher™ LS8E and LS8EQ
Printers are compact, rugged, and easy to use on-site to meet the demanding requirements of
electrical and network users, while delivering productivity gains throughout the physical infrastructure.


Similar Part No. - LS8EQ

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LS8EQ PANDUIT-LS8EQ Datasheet
2Mb / 28P
TIA/EIA-606-A Labeling Compliance
7/2010
LS8EQ PANDUIT-LS8EQ Datasheet
176Kb / 1P
PanTher™ LS8E Hand-Held Thermal Transfer Printer and Accessories
LS8EQ PANDUIT-LS8EQ Datasheet
1Mb / 20P
NetKey Cabling System
2012
LS8EQ-KIT PANDUIT-LS8EQ-KIT Datasheet
2Mb / 28P
TIA/EIA-606-A Labeling Compliance
7/2010
LS8EQ-KIT PANDUIT-LS8EQ-KIT Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
More results

Similar Description - LS8EQ

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
UILS8BW PANDUIT-UILS8BW Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
logo
SICK AG
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
HAND-HELD SCANNERS
2017-05-03
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM160-300S SICK-IDM160-300S Datasheet
795Kb / 5P
HAND-HELD SCANNERS
2017-05-12
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
HAND-HELD SCANNERS
2017-05-12
logo
PANDUIT CORP.
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com