Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8E Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # LS8E
Description  PanTher™ LS8E Hand-Held Thermal Transfer Printer and Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

LS8E Datasheet(HTML) 1 Page - PANDUIT CORP.

  LS8E Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
PHYSICAL INFRASTRUCTURE SYSTEMS
A.
System
Overview
B.
Copper
Systems
C.
Fiber
Optic
Systems
D.
Power
over
Ethernet
E.
Zone
Cabling
F.
Wireless
G.
Outlets
H.
Media
Distribution
I.
Physical
Infrastructure
Management
J.
Overhead &
Underfloor
Routing
K.
Surface
Raceway
L.
Cabinets,
Racks &
Cable
Management
M.
Grounding &
Bonding
N.
Industrial
O.
Labeling &
Identification
P.
Cable
Management
Accessories
Q.
Index
PanTher ™ LS8E Hand-Held Thermal Transfer Printer and Accessories
LS8E
LS9Q
LS8EQ
• Cut-to-length functionality eliminates label waste
and label trimming labor
• Partial cut feature available to provide tear-apart
strips of labels
• P1 ™ Label Cassette contains an integrated memory device
for automatic formatting, recall of last legend
used, and number of labels remaining in the cassette
• Market specific labeling tools simplify label creation for
network components, panel building, and construction
and maintenance
• USB interface for importing data, system upgrades, and
printing from a wireless laptop or desktop computer
• Legends can be easily aligned with ports on patch panels and
faceplates, eliminating the need for manual spacing and
guesswork
• Prints self-laminating cable labels, continuous tapes,
and die-cut labels for patch panels, faceplates, and
other network applications
• Fast loading label cassette includes both label material and
ribbon to make changing labels easy
• Available with an innovative QWERTY keypad that
allows faster text entry and label design
Part Number
Part Description
Std.
Pkg.
Qty.
LS8EQ-KIT-ACS
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries, LS8E-ACS, LS8-CASE, LS8-PCKIT,
LS8-IB, LS8-WS, quick reference card and operator’s manual.
1
LS8EQ-KIT
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries, LS8-CASE, LS8-PCKIT, LS8-IB,
LS8-WS, quick reference card and operator’s manual.
1
LS8EQ
Includes LS8EQ printer with QWERTY keypad, one cassette of S100X150VAC
self-laminating labels, six AA alkaline batteries and quick reference card.
1
LS8E-KIT-ACS
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six AA
alkaline batteries, LS8E-ACS, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick
reference card and operator’s manual.
1
LS8E-KIT
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six AA
alkaline batteries, LS8-CASE, LS8-PCKIT, LS8-IB, LS8-WS, quick reference card
and operator’s manual.
1
LS8E
Includes LS8E printer, one cassette of S100X150VAC self-laminating labels, six AA
alkaline batteries and quick reference card.
1
LS8E-ACS*‡
120 VAC power adapter for North America.
1
LS8-CASE
Rigid carrying case.
1
LS8-PCKIT
Includes USB cable and PC interface software for importing data, system upgrades,
or printing from a wireless laptop or desktop computer.
1
LS8-IB
Protective impact bumper.
1
LS8-WS
Wrist strap.
1
LS8-CLN
Cleaning kit.
1
Cougar ™ LS9 Hand-Held Thermal Transfer Printer and Accessories
• Economical identification system provides premium quality
solutions at the lowest installed cost
• Cut-to-length functionality eliminates label waste and label
trimming labor
• Partial cut feature available to provide tear-apart strips
of labels
• P1 ™ Label Cassette contains an integrated memory device
for automatic formatting, recall of last legend
used, and number of labels remaining in the cassette
• Legends can be easily aligned with ports on patch panels
and faceplates, eliminating the need for manual spacing
and guesswork
• Prints a wide variety of continuous tapes for marking
of wires/cables, patch panels, faceplates and other
network applications
• Fast loading label cassette includes both label material and
ribbon to make changing labels easy
• Available with an innovative QWERTY keypad that allows
faster text entry and label design
*Cannot be used to charge batteries.
‡Other adapters available, replace S with A (Australia), C (China), E (Europe), and U (UK).
Reference chart of P1 ™ Label Cassettes for use with the LS8E can be found on page O.3 – O.4
of SA-NCCB51.
*Cannot be used to charge batteries.
‡Other adapters available, replace S with A (Australia), C (China), E (Europe), and U (UK).
Reference chart of P1 ™ Label Cassettes for use with the LS9 can be found on page O.3 – O.4
of SA-NCCB51.
Part Number
Part Description
Std.
Pkg.
Qty.
LS9Q
Includes LS9Q printer with QWERTY keypad, one cassette of T100X000C1C-BK
continuous nylon cloth tape, six AA alkaline batteries and quick reference card.
1
LS9
Includes LS9 printer, one cassette of T100X000VPC-BK continuous vinyl tape, six
AA alkaline batteries and quick reference card.
1
LS9-ACS*‡
120 VAC power adapter for North America.
1
LS9-CASE
Rigid carrying case.
1
LS9-IB
Protective impact bumper.
1
LS9-WS
Wrist strap.
1
LS9-CLN
Cleaning kit.
1


Similar Part No. - LS8E

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LS8E PANDUIT-LS8E Datasheet
1Mb / 12P
PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
1/2016
LS8E PANDUIT-LS8E Datasheet
1Mb / 20P
NetKey Cabling System
2012
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
2Mb / 28P
TIA/EIA-606-A Labeling Compliance
7/2010
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
1Mb / 12P
PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
1/2016
More results

Similar Description - LS8E

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
C060X020YJC PANDUIT-C060X020YJC Datasheet
64Kb / 2P
P1??General Component Label Cassettes for PanTher??LS8E Hand-Held Thermal Transfer Printers
TDP43MY PANDUIT-TDP43MY Datasheet
72Kb / 1P
TDP43MY Thermal Transfer Desktop Printer and Accessories
UILS8BW PANDUIT-UILS8BW Datasheet
213Kb / 1P
P1 Ultimate ID Label Cassette for use with PanTher LS8E and Cougar LS9 Hand-Held Thermal Transfer Printers
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
T2212 TEC-T2212 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
TTDS-256 TEC-TTDS-256 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
TTDS-275 TEC-TTDS-275 Datasheet
356Kb / 5P
BUDGET THERMAL TRANSFER PRINTER (300dpi)
logo
PHOENIX CONTACT
1090747 PHOENIX-1090747 Datasheet
310Kb / 26P
Thermal transfer printer - THERMOMARK GO
logo
PANDUIT CORP.
LS8E-ACS PANDUIT-LS8E-ACS Datasheet
429Kb / 1P
LS8E-KIT PanTher LS8E Hand-Held Thermal Transfer Printer and Accessories
logo
PHOENIX CONTACT
1184146 PHOENIX-1184146 Datasheet
207Kb / 15P
Thermal transfer printer - THERMOMARK GO.K
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com