Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBH-MR Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MBH-MR
Description  Pan-Steel Custom Length Banding – MBS, MBH, MBEH and MBSH Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MBH-MR Datasheet(HTML) 1 Page - PANDUIT CORP.

  MBH-MR Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Polyester coating (optional):
• Polyester coating provides additional edge protection
and prevents corrosion between dissimilar metals
• UV resistant, low smoke, halogen-free material
• Temperature tolerance -40°F (-40°C) to 302°F (150°C)
• AISI 316 stainless steel for the most
corrosive environments
9"
8"
7"
6"
5"
4"
3"
2"
1"
10mm
20mm
30mm
40mm
50mm
60mm
70mm
80mm
90mm
100mm
110mm
120mm
130mm
140mm
150mm
160mm
170mm
180mm
190mm
200mm
210mm
220mm
230mm
240mm
250mm
3D
(76.2)
2D
(50.8)
(25.4)
1D
TAB
CUT-OFF
HANDLE
&
RETRA
CT
OR
KNOCK-OUT
HANDLE
&
RETRA
CT
OR
KNOCK-OUT
KNOCK-OUT
HANDLE LOCATION
(BOTH SIDES)
METRIC
MEASURE DIAMETER
CUT-OFF GUIDE
FOLD OVER
RETAINER TAB
1.0
10.0
10.0
ENGLISH MEASURE
Pan-Steel ® Custom Length Banding – MBS, MBH, MBEH and MBSH Series
• For applications that require various bundle diameters
• Supplied in reels of 82.50 feet (25.0m), 200.00 feet
(60.9m), 250.00 feet (76.2m) or 1000.00 feet (304.8m)
• Provides job site versatility with minimum inventory
• Packaging speeds removal of steel and includes bundle
diameter cut-off guide
*Other lengths available, contact Panduit Customer Service.
**Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32.
***For information on installation tools, refer to pages B3.14 – B3.16.
^Base material less coating
‡Order in number of reels required.
Part Number
Max.
Bundle
Diameter
Length*
Min. Loop
Tensile
Strength**
Min.
Bundle
Diameter
Width
Thickness^
Recommended
Installation
Tool***
Recommended
Banding
Head
Std.
Pkg.
Qty.‡
In.
mm
Ft.
m
Lbs.
N
In.
mm
In.
mm
In.
mm
AISI 304 Stainless Steel — For General Purpose Banding
Standard Cross Section
MBS-TLR
Any
Any
250
76
100
445
0.50 12.7 0.18
4.4
0.010
0.25
GS4MT, ST2MT,
HTMT, PPTMT
MTHS-C
1
MBS-MR
Any
Any 1000
305
100
445
0.50 12.7 0.18
4.4
0.010
0.25
MTHS-C
1
Heavy Cross Section
MBH-TLR
Any
Any
250
76
250
1112 0.50 12.7 0.31
7.9
0.010
0.25
GS4MT, ST2MT,
HTMT, PPTMT,
PBTMT
MTHH-C
1
MBH-MR
Any
Any 1000
305
250
1112 0.50 12.7 0.31
7.9
0.010
0.25
MTHH-C
1
Extra-Heavy Cross Section
MBEH-TLR
Any
Any
250
76
300
1335 1.00 25.4 0.50 12.7 0.010
0.25
ST2MT, RT2HT,
RT2HTN, PBTMT
MTHEH-C
1
Super-Heavy Cross Section
MBSH-TR
Any
Any
200
61
450
2000 1.00 25.4 0.63 15.9 0.015
0.38
RT2HT, RT2HTN,
PBTMT
MTHSH-C
1
AISI 316 Stainless Steel — For Superior Corrosion Resistance
Standard Cross Section
MBS-TLR316
Any
Any
250
76
100
445
0.50 12.7 0.18
4.4
0.010
0.25
GS4MT, ST2MT,
HTMT, PPTMT
MTHS-C316
1
MBS-MR316
Any
Any 1000
305
100
445
0.50 12.7 0.18
4.4
0.010
0.25
MTHS-C316
1
Heavy Cross Section
MBH-TLR316
Any
Any
250
76
250
1112 0.50 12.7 0.31
7.9
0.010
0.25
GS4MT, ST2MT,
HTMT, PPTMT,
PBTMT
MTHH-C316
1
MBH-MR316
Any
Any 1000
305
250
1112 0.50 12.7 0.31
7.9
0.010
0.25
MTHH-C316
1
Extra-Heavy Cross Section
MBEH-TLR316
Any
Any
250
76
300
1335 1.00 25.4 0.50 12.7 0.010
0.25
ST2MT, RT2HT,
RT2HTN, PBTMT
MTHEH-C316
1
Super-Heavy Cross Section
MBSH-TR316
Any
Any
200
61
450
2000 1.00 25.4 0.63 15.9 0.015
0.38
RT2HT, RT2HTN,
PBTMT
MTHSH-C316
1


Similar Part No. - MBH-MR

ManufacturerPart #DatasheetDescription
logo
MMD Components
MBH MMD-MBH Datasheet
91Kb / 1P
Industry Standard Package
MBH MMD-MBH Datasheet
87Kb / 2P
MBH Series Oscillator
logo
TOKO, Inc
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
logo
List of Unclassifed Man...
MBH10800 ETC-MBH10800 Datasheet
703Kb / 2P
Mini Braking High Power Resistors
logo
TOKO, Inc
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
More results

Similar Description - MBH-MR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HC-49 ETC-HC-49 Datasheet
54Kb / 2P
Tape and Reel, insulator tab,3-lead,and custom lead length options available
logo
Glenair, Inc.
440AC030M08 GLENAIR-440AC030M08 Datasheet
68Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
M85049-82-08N02 GLENAIR-M85049-82-08N02 Datasheet
115Kb / 1P
Banding Backshells
M85049-85-08N02 GLENAIR-M85049-85-08N02 Datasheet
90Kb / 2P
Banding Backshells
M85049-88-09G02 GLENAIR-M85049-88-09G02 Datasheet
88Kb / 1P
Banding Backshells
440AH069M08 GLENAIR-440AH069M08_08 Datasheet
262Kb / 2P
EMI/RFI Banding and Shrink Boot Adapter
logo
MMD Components
MBH MMD-MBH_12 Datasheet
87Kb / 2P
MBH Series Oscillator
logo
List of Unclassifed Man...
L3020 ETC2-L3020 Datasheet
70Kb / 2P
STANDARD AND CUSTOM
logo
PANDUIT CORP.
PLM1M-M PANDUIT-PLM1M-M Datasheet
51Kb / 1P
PAN-TY MARKER PLM SERIES
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com