Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP75 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # MP75
Description  PXE SERIES Mobile Printer Cost-Effective Network and Electrical Functionality
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP75 Datasheet(HTML) 2 Page - PANDUIT CORP.

  MP75 Datasheet HTML 1Page - PANDUIT CORP. MP75 Datasheet HTML 2Page - PANDUIT CORP. MP75 Datasheet HTML 3Page - PANDUIT CORP. MP75 Datasheet HTML 4Page - PANDUIT CORP. MP75 Datasheet HTML 5Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Product Bulletin
PXE™SERIES Mobile Printers
Do your job smarter, faster and easier with PXE Series Mobile Printers. This full line of advanced
identification printers combine Panduit’s industry-leading performance and field-tested durability
with Epson’s world-class printing technology.
Dimensions
Ordering Information
MP75 Mobile Label Printer
A reliable and affordable printer for
network, electrical, and other industrial
applications.
FEATURES:
• Shared MP Cassette Platform
• 180 dpi print resolution
• Custom Application Specific Label Modes
• Large Library of Barcodes and Custom Symbols
• Prints up to 0.75 in wide labels
• Fast 0.25 in/sec Print Speed
• Continuous Label Cassette
• Qwerty Keyboard
• Backlit LCD Screen
• Manual Push Button Cutter
MP75
PXE™ Series
Mobile Printer
Compact and Lightweight
• Width: 4.33 in (110 mm)
• Depth: 6.70 in (170 mm)
• Height: 2.20 in (56 mm)
Weight: 14 oz (400 g)
(excluding batteries, tape cartridge)
Epson™ Print Technology
Epson is a global technology leader dedicated to
connecting people, things and information with efficient,
compact and precision technologies.
Panduit™ Labeling and Software Expertise
Panduit creates leading-edge labeling solutions for
electrical and network environments, from the data center
to the telecom room, the jobsite to the plant floor.
Part Number Description
MP75
Compact entry level industrial printer that features custom
label modes, a qwerty keyboard, backlit LCD screen,
and a large library of barcodes and custom symbols.
Includes the lightweight printer, one T075X000VPM-BK
continuous label cassette and quick reference card
PTR-CLN
Printer cleaning kit - contains (1) cleaning pen, (8) cleaning
solution soaked wipes, (8) foam swabs pre-saturated with
cleaning solution, MSDS, and cleaning instructions
TM
TM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com