Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CWST
Description  NetKey Category 6A Punchdown Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 1 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
NetKey® Category 6A
Punchdown Jack Module
www.panduit.com
Category 6A/Class EA, 8-position keystone jack
module shall terminate unshielded twisted 4-pair,
22 – 26 AWG, 100 Ohm cable. Punchdown tool
properly terminates each conductor for optimum
performance. Universal label is color-coded T568A
and T568B wiring schemes.
applications
NetKey® Category 6A Punchdown Jack
Modules provide a cost effective medium for
ensuring that network bandwidth needs are
easily met today and tomorrow. The NetKey®
Solution helps organizations efficiently and
reliably meet data transmission needs.
With certified performance to ISO 11801 and
ANSI/TIA-568-C.2 Category 6A component
standards, this system will support high
bandwidth applications such as those required
by education, healthcare, finance, and
banking.
NetKey® Category 6A Jack Module
Module:
NK6X88M*
Bulk pack of
24 jack modules: NK6X88M*-Q
Termination and Cable Prep Tools
Punchdown tool: PDT110‡
Punchdown base: NKSPB
JackRapid+
Termination Tool: JR-PAN-2‡‡
Cable
snipping tool:
CWST
Cable
stripping tool:
CJAST
*To designate a color, add suffix IW (Off White),
EI (Electric Ivory), IG (Int’l Gray), WH (White),
BL (Black), OR (Orange), RD (Red), BU (Blue),
GR (Green) or YL (Yellow).
‡Terminates the NetKey ® Keystone
Punchdown Jack Module and NetKey ®
Patch Panel.
‡‡Terminates the NetKey ® Keystone
Punchdown Jack Module. Fluke JackRapid+
Termination Tool available through
distribution. To locate the local office,
visit www.flukenetworks.com/contact.
+JackRapid is a trademark of Fluke Networks.
specifications
technical information
Category 6A/Class EA
channel and
component
performance:
Exceeds ANSI/TIA-568-C.2 Category 6A and ISO 11801 Class EA
channel requirements at swept frequencies up to 500 MHz
Exceeds ANSI/TIA-568-C.2 and ISO 11801 Class EA standards at
swept frequencies up to 500 MHz
FCC compliance:
Complies with ANSI/TIA-1096-A (formerly FCC Part 68); contacts
plated with 50 microinches of gold for superior performance
IEC compliance:
Meets IEC 60603-7
PoE compliance:
Rated for 2500 cycles with IEEE 802.3af/802.3at and proposed
802.3bt type 3 and type 4
Safety compliance:
cULus Listed; UL 1863 and CAN/CSA-C22.2 (UL File E129886)
Operating Temperature: -10°C to 65°C (14°F to 149°F)
RoHS compliance:
Compliant
key features and benefits
100% performance
tested
Confidence that each jack module delivers specified performance
110 style punchdown
termination
Utilizes industry standard termination style and includes wire
retention cap
Modular
Universal keystone jack modules snap in and out of all NetKey ®
Faceplates, Modular Patch Panels, and Surface Mount Boxes for
fast moves, adds, and changes
Individually serialized
Marked with quality control number for future traceability
Convenience packaging
(optional)
25 jacks packaged in one easy to open container, eliminating the
time to open each individual package and reducing on-site waste;
ideal for high volume installations


Similar Part No. - CWST

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CWST HAMMOND-CWST Datasheet
72Kb / 1P
Goulotte guide-fils avec couvercle a charniere pour pose a plat, type 1
logo
PANDUIT CORP.
CWST PANDUIT-CWST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
CWST PANDUIT-CWST Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
CWST PANDUIT-CWST Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CWST PANDUIT-CWST Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
More results

Similar Description - CWST

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
logo
Hubbell Incorporated.
HJ6AB HUBBELL-HJ6AB Datasheet
300Kb / 1P
Ascent Category 6A Jack
HJ6AEI25 HUBBELL-HJ6AEI25 Datasheet
295Kb / 1P
Ascent Category 6A Jack
HJ6AGL25 HUBBELL-HJ6AGL25 Datasheet
288Kb / 1P
Ascent Category 6A Jack
HJ6AGN HUBBELL-HJ6AGN Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AGN25 HUBBELL-HJ6AGN25 Datasheet
294Kb / 1P
Ascent Category 6A Jack
HJ6AOR HUBBELL-HJ6AOR Datasheet
285Kb / 1P
Ascent Category 6A Jack
HJ6AY HUBBELL-HJ6AY Datasheet
294Kb / 1P
Ascent Category 6A Jack
logo
PANDUIT CORP.
NKPP24P PANDUIT-NKPP24P Datasheet
97Kb / 2P
NetKey짰 Category 5e Punchdown Jack Modules
NKP5E88M PANDUIT-NKP5E88M Datasheet
162Kb / 2P
NetKey® Category 5e Component-Rated Punchdown Jack Modules
5/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com