Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKFLCSMWH Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # NKFLCSMWH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFLCSMWH Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button NKFLCSMWH Datasheet HTML 2Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 3Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 4Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 5Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 6Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 7Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 8Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 9Page - PANDUIT CORP. NKFLCSMWH Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Part
Number
Description
OM1 Duplex Adapters
NKFD1W12EIDSC
Pre-loaded fiber drawer with 12 SC duplex adapters for 62.5/125µm (OM1) multimode fiber.
NKFD1W24EIDLC
Pre-loaded fiber drawer with 24 LC duplex adapters for 62.5/125µm (OM1) multimode fiber.
• Factory configured with 6 or 12 duplex LC or SC adapters for fast
and easy cabling and installation
• Slide-out drawer slides forward a full 300mm for service access
to all fiber terminations, connections, and/or splices
• Supports both field termination via pot-and-polish using Panduit®
NetKey® Connectors, or fusion splicing with appropriate slack storage
and cable management provisions
• Simple two-piece, all-metal body construction for easy and economical
installation with no loose components to misplace; improved protection
over plastic fiber drawers
NetKey ® Fiber Enclosures
OM2 Duplex Adapters
NKFD1W12BLDSC
Pre-loaded fiber drawer with 12 SC duplex adapters for 50/125µm (OM2) multimode fiber.
NKFD1W24BLDLC
Pre-loaded fiber drawer with 24 LC duplex adapters for 50/125µm (OM2) multimode fiber.
OM3/OM4 Duplex Adapters
NKFD1W12AQDSC
Pre-loaded fiber drawer with 12 SC duplex adapters for 50/125µm (OM3/OM4) multimode fiber.
NKFD1W24AQDLC
Pre-loaded fiber drawer with 24 LC duplex adapters for 50/125µm (OM3/OM4) multimode fiber.
OS1/OS2 Duplex Adapters
NKFD1W12BUDSCZ
Pre-loaded fiber drawer with 12 SC duplex adapters for 9/125µm (OS1/OS2) multimode fiber.
NKFD1W24BUDLCZ
Pre-loaded fiber drawer with 24 LC duplex adapters for 9/125µm (OS1/OS2) multimode fiber.
For 6 adapters per enclosure, replace 12 in part number with 6.
For 12 adapters per enclosure, replace 24 in part number with 12.
Part
Number
Description
LC Adapters
NKDLCMIW
Keystone module supplied with one LC Sr./Jr. SFF multimode duplex adapter with
phosphor bronze split sleeves.
NKDLCMZIW
Keystone module supplied with one LC Sr./Jr. SFF singlemode duplex adapter with
zirconia ceramic split sleeves.
SC Adapters
NKSCMIW
Keystone module supplied with one SC multimode simplex adapter with phosphor
bronze split sleeve.
NKSCMZIW
Keystone module supplied with one SC singlemode simplex adapter with zirconia
ceramic split sleeve.
ST Adapters
NKSTMIW
Keystone module supplied with one ST multimode simplex adapter with phosphor
bronze split sleeve.
MT-RJ Adapter
NKMJMIW
MT-RJ multimode duplex keystone adapter module.
For standard colors other than IW (Off White), replace suffix with BL (Black), EI (Electric Ivory), IG (International Gray)
or WH (White).
NetKey ® Fiber Optic Adapters
NKDLCMIW
NKSCMZIW
NKSTMIW
NKMJMIW
NKFD1W12EIDLC
Color
Off White
Off White
Off White
Off White
Off White
Off White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com