Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CWST
Description  Mini-Com TX6™ PLUS UTP 28/30 AWG Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 1 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
s p e c if ic a t i on s
Category 6/Class E, 8-position, UTP jack module shall terminate
4-pair, 28 AWG solid/stranded and 30 AWG solid, 100 ohm
unshielded twisted pair cable and shall not require a punchdown
tool. UTP jack modules shall use a forward motion termination
method to optimize performance by maintaining cable pair
geometry while eliminating conductor untwist. The termination cap
shall be color coded green to designate Category 6 performance
and shall include a universal label coded for T568A and T568B
wiring schemes.
technical information
Category 6/Class E
channel and component
performance:
Exceeds channel requirements of ANSI/TIA-568.2-D Category 6 and ISO
11801 Class E standards at swept frequencies 1 to 250 MHz
Exceeds component requirements of ANSI/TIA-568.2-D Category 6 and
ISO 11801 Class E standards at swept frequencies 1 to 250 MHz
FCC and ANSI compliance: Meets ANSI/TIA-1096-A; contacts plated with 50 microinches of gold for
superior performance
IEC compliance:
Meets IEC 60603-7 and IEC 60512-99-002
RoHS compliance:
Compliant
PoE and PoH compliance: Meets IEEE 802.3af/802.3at and 802.3bt type 3 and type 4
Supports Power over HDBaseT up to 100 watts
c(UL)us Listed:
UL 1863 (Use as communications circuit accessory); CSA standard C22.2
UL 2043 (Suitable for use in air-handling spaces)
Conductor termination
range:
Wire cap compatible with 28 AWG solid/stranded and 30 AWG solid cable
with conductor insulation diameters of 0.025 in. max. and overall cable
O.D. 0.120 in. to 0.185 in.
Operating temperature:
-10°C to 75°C (14°F to 167°F)
key features and benefits
100% performance tested: Confidence that each jack module will deliver the critical electrical
performance requirements
Utilizes enhanced
Giga-TX™ Technology:
Optimizes performance by eliminating conductor untwist and reduces
installation time and expense
Improved termination cap: Conductor retention slots simplify jack module termination
Modular:
UTP jack modules snap in and out of all Mini-Com Faceplates, Modular
Patch Panels, and Surface Mount Boxes for easy moves, adds,
and changes
True strain relief:
Controls cable bend radius for long-term installed performance
Individually serialized:
Marked with quality control number for future traceability
RJ45 interface:
Industry standard interface provides a quick and easy plug and play
connection to RJ45 patch cords; backwards compatible
Identification:
Can be clearly identified with optional labels and icons for port
Identification
Termination tool
(optional):
EGJT-1 termination tool enables full termination of conductors by utilizing
a smooth forward motion without impact on critical internal components
for maximum reliability; TGJT termination tool ideal for high volume
installations
Block out device
(optional):
Provides a simple and secure method to control access to data ports while
not in use
a pp l ic a t i on s
Mini-Com TX6 PLUS UTP Jack Modules are a component of the TX6 PLUS UTP Copper Cabling
System. This end-to-end system is interoperable and backwards compatible, providing design flexibility
to protect network investments well into the future. With certified performance to the ANSI/TIA-568.2-D
Category 6 and ISO 11801 Class E standards, this system is ideal for high performance workstation
applications. With certified performance to the ANSI/TIA-568.2-D Category 6 and ISO 11801 Class E
standards, these systems will support the following applications:
• Ethernet 10BASE-T, 100BASE-T (Fast Ethernet), and 1000BASE-T (Gigabit Ethernet)
• Digital video and broadband/baseband analog video
• Voice over Internet Protocol (VoIP)
Mini-Com® TX6™ PLUS UTP 28/30 AWG
Jack Modules
S PE C I FI C A T I ON S HE E T
w w w.panduit .com
Mini-Com TX6 PLUS UTP Jack Modules
Jack Module:
CJT688TGIW*
TX6 PLUS 28 AWG Patch Cords
Feet:
UTP28SP**
Meters:
UTP28SP***M
Mini-Com Angled Modular Patch Panels
24-port, 1 RU:
CPPLA24WBLY
48-port, 2 RU:
CPPLA48WBLY
Mini-Com Flat Modular Patch Panels
24-port, 1 RU:
CPPL24WBLY
48-port, 2 RU:
CPPL48WBLY
For additional modular patch panels and
punchdown patch panels, visit www.panduit.com
Tools and Accessories
Jack Module
Termination Tool:
EGJT-1 or TGJT
Wire Snipping Tool:
CWST
Wire Stripping Tool:
CJAST
Clear Dust Cap:
MDC-C
Blockout Device:
PSL-DCJB-^^^
Phone Icons:
CIPIW-C
Data Icons:
CIDWH-C+
*To designate color other than IW (Off White),
replace IW suffix with EI (Electric Ivory),
IG (International Gray), AW (Arctic White),
BL (Black), WH (White), BU (Blue), RD (Red),
YL (Yellow), GR (Green), OR (Orange), or
VL (Violet). **For lengths 1 to 20 feet
(increments of one foot), change the length
designation in the part number to the desired
length. For standard cable colors other that
Off White, add suffix BL (Black), BU (Blue),
GR (Green), RD (Red), YL (Yellow),
OR (Orange), or VL (Violet). For example,
the part number for a blue 15-foot patch
cord is UTP28SP15BU.
***For lengths 0.5 to 6 meters (increments of
half meter). For standard cable colors other
than Off White, add suffix BL (Black),
BU (Blue), GR (Green), RD (Red), YL (Yellow),
OR (Orange), or VL (Violet). For example, the
part number for a blue 5-meter patch cord
is UTP28SP5MBU.
^^^To designate color other than Red, add
suffix Black (BL), Blue (BU), Yellow (YL),
Green (GR), Orange (OR), Off White (IW) or
International Gray (IG) at the end of the part
number. 10/package.
+To designate color other than WH (White),
replace WH with BU (Blue), RD (Red),
YL (Yellow), GR (Green), OR (Orange) in the
part number. 100/package.
Contact customer service for bulk packaged
jack modules and patch cords.


Similar Part No. - CWST

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CWST HAMMOND-CWST Datasheet
72Kb / 1P
Goulotte guide-fils avec couvercle a charniere pour pose a plat, type 1
logo
PANDUIT CORP.
CWST PANDUIT-CWST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
CWST PANDUIT-CWST Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
CWST PANDUIT-CWST Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CWST PANDUIT-CWST Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
More results

Similar Description - CWST

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
MP528-L PANDUIT-MP528-L Datasheet
187Kb / 3P
28 AWG UTP Modular Plug
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CC688BL PANDUIT-CC688BL Datasheet
261Kb / 2P
Mini-Com짰 TX6??PLUS UTP Coupler Modules and Patch Panel S P E C I F I C AT I O N S H E E T
4/2015
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com