Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKFLCSMAQ Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # NKFLCSMAQ
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFLCSMAQ Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button NKFLCSMAQ Datasheet HTML 8Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 9Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 10Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 11Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 12Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 13Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 14Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 15Page - PANDUIT CORP. NKFLCSMAQ Datasheet HTML 16Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
NetKey ® Audio/Video Modules
NKRSMBIWY
NKRPMRIW
NKRTMRIW
NKBPBIWY
NKBNCMIWY
NKFIW
NKSVCIW
NK35MSCIW
NK35MSSIW
NKHDMIIW
^To designate insert color, replace ^ with R (Red), Y (Yellow) or W (White). RCA solder type module
(NKRSM^IWY) also available with B (Black) insert.
^^To designate insert color, replace ^^ with R (Red) or B (Black).
For standard colors other than IW (Off White), replace suffix with EI (Electric Ivory), WH (White),
IG (International Gray) or BL (Black). 5-Way Binding Post Module (NKBP^IWY ) only available in
EI (Electric Ivory) and WH (White).
NKSPMIW
Part
Number
Description
NKFIW
Keystone module supplied with 75 ohm industry standard F-Type
coax bulkhead coupler.
F-Type Module
NKBNCMIWY
Keystone module supplied with 50 ohm industry standard coax
bulkhead coupler.
50 Ohm BNC Coax Module
NKRSM^IWY
Keystone module supplied with RCA solder type connector. Inserts
available in multiple colors.
RCA Modules
NKRTM^IW
Keystone module supplied with RCA pass-through connector. Inserts
available in multiple colors.
NKRPM^IW
Keystone module supplied with RCA punchdown connector. Inserts
available in multiple colors.
NKSPMIW
Keystone module supplied with SVHS punchdown connector.
S-Video Modules
NKSVCIW
Keystone module supplied with S-Video pass-through connector.
NKBP^^IWY
Keystone module supplied with 5-way binding post.
5-Way Binding Post Module
NK35MSSIW
Keystone module supplied with 3.5mm (1/8'') stereo solder type
headset connector.
3.5mm Stereo Connector
NK35MSCIW
Keystone module supplied with 3.5mm (1/8'') stereo headset coupler.
NKHDMIIW
Keystone module supplied with one HDMI 1.3 Type A female to
female coupler module.
HDMI Coupler
NKBMIW-X
Blank keystone module reserves space for future use.
Blank Module
NKUSBAAIW
Keystone module supplied with one USB 2.0 female A to female A
coupler module.
USB Coupler
NKUSBAAIW
NKBMIW-X
Color
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White
Off White



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com