Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NKFSCMWH Datasheet(PDF) 17 Page - PANDUIT CORP.

Part # NKFSCMWH
Description  NetKey Cabling System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

NKFSCMWH Datasheet(HTML) 17 Page - PANDUIT CORP.

Back Button NKFSCMWH Datasheet HTML 12Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 13Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 14Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 15Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 16Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 17Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 18Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 19Page - PANDUIT CORP. NKFSCMWH Datasheet HTML 20Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
visit www.panduit.com/NetKey
Media Distribution Video Splitters
• Split incoming video/coax to distribute services
• Pre-mounted onto metal bracket for quick installation
• Snap directly into grid patterned enclosures for easy
installation,moves, adds and changes
Media Distribution V oice (Phone) Hubs
MS8PD
MS8PE
• Split incoming phone lines up to eight locations to provide basic
phone, fax, and modem services
• Expansion hub (optional) available for an additional
eight connections
Part
Number
Description
MS8PD
Phone distribution hub with test ports and a security interface.
MS8PE
Phone expansion hub.
Part
Number
Description
MS4S1G
Media distribution 1 x 4 passive video splitter with 1 GHz performance to distribute
high-quality RF signals to up to four outputs.
1 GHz Splitters
MS8S1G
Media distribution 1 x 8 passive video splitter with 1 GHz performance to distribute
high-quality RF signals to up to eight outputs.
MS4S2G
Media distribution 1 x 4 passive video splitter with 2 GHz performance to distribute
high-quality RF signals to up to four outputs.
2 GHz Splitters
MS8S2G
Media distribution 1 x 8 passive video splitter with 2 GHz performance to distribute
high-quality RF signals to up to eight outputs.
Color
Black
Black
MS4S1G
and
MS4S2G
MS8S1G
and
MS8S2G
Media Distribution Data Hub
MS5E6PP
• Meets Category 5e performance standards
• Front side 110 punchdown termination
• Allows easy access to connections within the enclosure
Part
Number
Description
MS5E6PP
Media distribution data hub for up to six different locations.
Color
Black
Media Distribution Patch Panel
NKM8PP
• Front accessible
• Accept all NetKey ® Modules
Part
Number
Description
NKM8PP
8-port modular patch panel.
Color
Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com