Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT4SH-LP Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # MLT4SH-LP
Description  System for Pan-Steel® Cable Ties
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT4SH-LP Datasheet(HTML) 1 Page - PANDUIT CORP.

  MLT4SH-LP Datasheet HTML 1Page - PANDUIT CORP. MLT4SH-LP Datasheet HTML 2Page - PANDUIT CORP. MLT4SH-LP Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Part Number System for Pan-Steel® Cable Ties
MLT
6
S
—
CP
Bundle Diameter Reference
(In.)
Cross Section
Standard Package Size
S
= Standard
LH
= Light Heavy
H
= Heavy
EH
= Extra-Heavy
EH15 = Extra-Heavy-15
SH
= Super-Heavy
Q= 25
L*
= 50
LP** = 50
CP = 100
*Standard Cross Section
**Heavy Cross Section
MLT = Metal
Locking
Tie
Type
Material
(blank) = 304
316
= 316
Pan-Steel® Self-Locking Cable Ties – MLT Series
• Self-locking head design speeds installation and locks into place at
any length along the tie body
• Provides a strong, durable method of cable bundling
• Can be used in a wide range of indoor, outdoor, and underground
(including direct burial) applications
• Smooth surfaces and rounded edges assures cable protection and
worker safety
• Available in AISI 304 stainless steel for
general-purpose applications
• Available in AISI 316 stainless steel for the most
corrosive environments
*Other lengths available, contact Panduit Customer Service.
**Per SAE Standard AS23190/3 (formerly MIL). For additional details, refer to page B3.32.
***For information on installation tools, refer to pages B3.14 – B3.16.
Table continued on page B3.6
Part Number
Max.
Bundle
Diameter
Length*
Min. Loop
Tensile
Strength**
Min.
Bundle
Diameter
Width
Thickness
Recommended
Installation
Tool***
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
Lbs.
N
In.
mm
In.
mm
In.
mm
AISI 304 Stainless Steel – For General Purpose
Standard Cross Section
MLT1S-CP
1.0
25
5.0
127
200
890
0.50 12.7 0.18
4.6
0.010
0.25
GS4MT, HTMT, PPTMT,
ST2MT
100
500
MLT2S-CP
2.0
51
7.9
201
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT2S-L
2.0
51
7.9
201
200
890
0.50 12.7 0.18
4.6
0.010
0.25
50
500
MLT2.7S-CP
2.7
69
10.2
259
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT4S-CP
4.0
102
14.3
362
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT4S-L
4.0
102
14.3
362
200
890
0.50 12.7 0.18
4.6
0.010
0.25
50
500
MLT6S-CP
6.0
152
20.5
521
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT8S-CP
8.0
203
26.8
679
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT10S-CP
10.0
254
33.0
838
200
890
0.50 12.7 0.18
4.6
0.010
0.25
100
500
MLT12S-Q
12.0
304
39.3
998
200
890
0.50 12.7 0.18
4.6
0.010
0.25
25
125
MLT14S-Q
14.0
355
45.5
1156
200
890
0.50 12.7 0.18
4.6
0.010
0.25
25
125
MLT15S-Q
15.0
380
49.2
1250
200
890
0.50 12.7 0.18
4.6
0.010
0.25
25
125


Similar Part No. - MLT4SH-LP

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MLT4SH-LP316 PANDUIT-MLT4SH-LP316 Datasheet
231Kb / 1P
METAL LOCKING TIE SUPER HEAVY DUTY 316 STAINLESS STEEL
MLT4SH-LP316 PANDUIT-MLT4SH-LP316 Datasheet
185Kb / 2P
Pan-Steel ® Battery Powered Installation Tool
11/2009
More results

Similar Description - MLT4SH-LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TY28MX ETC2-TY28MX Datasheet
66Kb / 1P
Premium cable ties with steel locking barb Standard ties
logo
PANDUIT CORP.
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
logo
OEN India Limited
04-06100SS OENINDIA-04-06100SS Datasheet
67Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
EVO7 HELLERMANNTYTON-EVO7 Datasheet
188Kb / 1P
Application Tooling for Cable Ties
January 2014
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com