Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS04BQ Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HCS04BQ
Description  Hex inverter with Schmitt-trigger inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS04BQ Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HCS04BQ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS04BQ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74HCS04
Hex inverter with Schmitt-trigger inputs
Rev. 1 — 24 June 2025
Product data sheet
1. General description
The 74HCS04 is a hex inverter. The inputs include clamp diodes that enable the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
All inputs are Schmitt-trigger inputs, capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Schmitt-trigger inputs
• Low power consumption
• Typical supply current (ICC) of 100 nA
• Typical input leakage current (II) of ±10 nA
• ±7.8 mA output drive at 6 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 class 3A exceeds 4000 V
• CDM ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1500 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Applications
• Wave and pulse shapers
• Astable multivibrators
• Monostable multivibrators
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HCS04D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HCS04PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCS04BQ
-40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74HCS04BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCS04BQ-Q100 NEXPERIA-74HCS04BQ-Q100 Datasheet
293Kb / 15P
Hex inverter with Schmitt-trigger inputs
Rev. 1 24 June 2025
74HCS04BQ-Q100X NEXPERIA-74HCS04BQ-Q100X Datasheet
293Kb / 15P
Hex inverter with Schmitt-trigger inputs
Rev. 1 24 June 2025
More results

Similar Description - 74HCS04BQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5414 NSC-DM5414 Datasheet
95Kb / 4P
Hex Inverter with Schmitt Trigger Inputs
DM74ALS14 NSC-DM74ALS14 Datasheet
177Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
logo
Fairchild Semiconductor
DM74ALS14 FAIRCHILD-DM74ALS14 Datasheet
76Kb / 6P
Hex Inverter with Schmitt Trigger Inputs
DM74LS14 FAIRCHILD-DM74LS14 Datasheet
61Kb / 5P
Hex Inverter with Schmitt Trigger Inputs
logo
Texas Instruments
SN74HCS04 TI1-SN74HCS04 Datasheet
301Kb / 15P
SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14 Datasheet
301Kb / 15P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI1-SN74HCS04_V01 Datasheet
1,006Kb / 22P
SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI1-SN74HCS14_V01 Datasheet
1,006Kb / 22P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS04 TI-SN74HCS04_V02 Datasheet
1Mb / 25P
SN74HCS04 Hex Inverter with Schmitt-Trigger Inputs
SN74HCS14 TI-SN74HCS14_V03 Datasheet
2Mb / 32P
SN74HCS14 Hex Inverter with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com