Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS08PW Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HCS08PW
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08PW Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HCS08PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
Rev. 1 — 24 June 2025
Product data sheet
1. General description
The 74HCS08 is a quad 2-input AND gate. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
All inputs are Schmitt-trigger inputs, capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Schmitt-trigger inputs
• Low power consumption
• Typical supply current (ICC) of 100 nA
• Typical input leakage current (II) of ±10 nA
• ±7.8 mA output drive at 6 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 class 3A exceeds 4000 V
• CDM ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1500 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HCS08D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HCS08PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74HCS08BQ
-40 °C to +125 °C
DHVQFN14
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74HCS08PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCS08PW-Q100 NEXPERIA-74HCS08PW-Q100 Datasheet
292Kb / 14P
Quad 2-input AND gate with Schmitt-trigger inputs
Rev. 1 24 June 2025
74HCS08PW-Q100J NEXPERIA-74HCS08PW-Q100J Datasheet
292Kb / 14P
Quad 2-input AND gate with Schmitt-trigger inputs
Rev. 1 24 June 2025
More results

Similar Description - 74HCS08PW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Fairchild Semiconductor
DM74LS132 FAIRCHILD-DM74LS132 Datasheet
57Kb / 5P
Quad 2-Input NAND Gate with Schmitt Trigger Input
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
IN74HCT132A INTEGRAL-IN74HCT132A Datasheet
127Kb / 6P
QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
MC74HC132A ONSEMI-MC74HC132A_13 Datasheet
145Kb / 9P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
May, 2013 ??Rev. 15
logo
Nexperia B.V. All right...
74LV7032A-Q100 NEXPERIA-74LV7032A-Q100 Datasheet
203Kb / 10P
Quad 2-input OR gate with Schmitt trigger inputs
Rev. 1 - 17 February 2022
74LV7032A NEXPERIA-74LV7032A Datasheet
206Kb / 10P
Quad 2-input OR gate with Schmitt trigger inputs
Rev. 2 - 16 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com