Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS08DJ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HCS08DJ
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08DJ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HCS08DJ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08DJ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
9. Static characteristics
Table 6. Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
see Fig. 4 and Fig. 5
VCC = 2.0 V
0.7
-
1.5
0.7
1.5
0.7
1.5
V
VCC = 4.5 V
1.7
-
3.15
1.7
3.15
1.7
3.15
V
VCC = 6 V
2.1
-
4.2
2.1
4.2
2.1
4.2
V
VCC = 3.0 V to 3.6 V
0.4VCC
-
0.7VCC 0.4VCC 0.7VCC 0.4VCC 0.7VCC V
VT+
positive-going
threshold
voltage
VCC = 4.5 V to 5.5 V
0.38VCC
-
0.7VCC 0.38VCC 0.7VCC 0.38VCC 0.7VCC V
see Fig. 4 and Fig. 5
VCC = 2.0 V
0.3
-
1.0
0.3
1.0
0.3
1.0
V
VCC = 4.5 V
0.9
-
2.2
0.9
2.2
0.9
2.2
V
VCC = 6 V
1.2
-
3.0
1.2
3.0
1.2
3.0
V
VCC = 3.0 V to 3.6 V
0.2VCC
-
0.5VCC 0.2VCC 0.5VCC 0.2VCC 0.5VCC V
VT-
negative-
going
threshold
voltage
VCC = 4.5 V to 5.5 V
0.2VCC
-
0.49VCC 0.2VCC 0.49VCC 0.2VCC 0.49VCC V
see Fig. 4 and Fig. 5
VCC = 2.0 V
0.2
0.52
1.0
0.2
1.0
0.2
1.0
V
VCC = 4.5 V
0.4
0.85
1.4
0.4
1.4
0.4
1.4
V
VCC = 6 V
0.6
1.1
1.6
0.6
1.6
0.6
1.6
V
VCC = 3.0 V to 3.6 V
0.1VCC
0.72
0.38VCC 0.1VCC 0.38VCC 0.1VCC 0.38VCC V
VH
hysteresis
voltage[1]
VCC = 4.5 V to 5.5 V
0.09VCC
0.94
0.29VCC 0.09VCC 0.29VCC 0.09VCC 0.29VCC V
VI = VIH or VIL
IOH = -20 μA;
VCC = 2.0 V to 6 V
VCC-0.1 VCC-0.002
-
VCC-0.1
-
VCC-0.1
-
V
IOH = -4 mA;
VCC = 3.0 V
2.7
2.85
-
2.7
-
2.7
-
V
IOH = -6 mA;
VCC = 4.5 V
4.0
4.3
-
4.0
-
4.0
-
V
VOH
HIGH-level
output voltage
IOH = -7.8 mA;
VCC = 6.0 V
5.48
5.75
-
5.4
-
5.4
-
V
VI = VIH or VIL
IOL = 20 μA;
VCC = 2.0 V to 6 V
-
0.002
0.1
-
0.1
-
0.1
V
IOL = 4 mA;
VCC = 3.0 V
-
0.14
0.25
-
0.25
-
0.25
V
IOL = 6 mA;
VCC = 4.5 V
-
0.18
0.26
-
0.30
-
0.30
V
VOL
LOW-level
output voltage
IOL = 7.8 mA;
VCC = 6.0 V
-
0.22
0.26
-
0.33
-
0.33
V
II
input leakage
current
VI = VCC or GND;
VCC = 6.0 V
-
±0.01
±0.1
-
±0.25
-
±1.0
μA
ICC
supply current VI = VCC or GND;
IO = 0 A; VCC = 6.0 V
-
0.1
-
-
0.5
-
2.0
μA
[1] Guaranteed by design.
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
4 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com