Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS30 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HCS30
Description  8-input NAND gate with Schmitt-trigger inputs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS30 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HCS30 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS30 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Nexperia
74HCS30
8-input NAND gate with Schmitt-trigger inputs
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
A
1
data input
B
2
data input
C
3
data input
D
4
data input
E
5
data input
F
6
data input
GND
7
ground (0 V)
Y
8
data output
n.c.
9
not connected
n.c.
10
not connected
G
11
data input
H
12
data input
n.c.
13
not connected
VCC
14
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
A
B
C
D
E
F
G
H
Y
L
X
X
X
X
X
X
X
H
X
L
X
X
X
X
X
X
H
X
X
L
X
X
X
X
X
H
X
X
X
L
X
X
X
X
H
X
X
X
X
L
X
X
X
H
X
X
X
X
X
L
X
X
H
X
X
X
X
X
X
L
X
H
X
X
X
X
X
X
X
L
H
H
H
H
H
H
H
H
H
L
74HCS30
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 27 June 2025
3 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com