Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS841S01 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS841S01
Description  PCI EXPRESS??CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841S01 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS841S01 Datasheet HTML 3Page - Integrated Device Technology ICS841S01 Datasheet HTML 4Page - Integrated Device Technology ICS841S01 Datasheet HTML 5Page - Integrated Device Technology ICS841S01 Datasheet HTML 6Page - Integrated Device Technology ICS841S01 Datasheet HTML 7Page - Integrated Device Technology ICS841S01 Datasheet HTML 8Page - Integrated Device Technology ICS841S01 Datasheet HTML 9Page - Integrated Device Technology ICS841S01 Datasheet HTML 10Page - Integrated Device Technology ICS841S01 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT™ / ICS™ PCI EXPRESS CLOCK GENERATOR
7
ICS841S01BG REV. B MAY 23, 2007
ICS841S01
PCI EXPRESS™ CLOCK GENERATOR
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD_REF + 0.5 V
Outputs, V
O
-0.5V to V
DD_SRC + 0.5V
Package Thermal Impedance,
θ
JA
89°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 5A. POWER SUPPLY DC CHARACTERISTICS, V
DD_REF = VDDA = VDD_SRC = 3.3V±5%, T
A
= TA = 0°C TO 70°C
TABLE 5B. DC CHARACTERISTICS, V
DD_REF = VDDA = VDD_SRC = 3.3V±5%, T
A
= TA = 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
S
U
B
M
S
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IK
L
C
S
,
A
T
A
D
S2
.
2V
V
S
U
B
M
S
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IK
L
C
S
,
A
T
A
D
S
0
.
1V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IK
L
C
S
,
A
T
A
D
SV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IK
L
C
S
,
A
T
A
D
SV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
I
H
O
t
n
e
r
r
u
C
t
u
p
t
u
O
4
1A
m
I
Z
O
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
n
a
d
e
p
m
I
h
g
i
H
0
1
-0
1A
µ
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
F
E
R
_
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
r
e
w
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
F
E
R
_
D
D
5
2
.
0
–3
.
3V
F
E
R
_
D
D
V
V
C
R
S
_
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
C
R
S
/
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
I
F
E
R
_
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
l
a
t
s
y
r
C
8A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
2A
m
I
C
R
S
_
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
C
R
S
/
e
r
o
C
0
3
1A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com