Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS74 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HCS74
Description  Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS74 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HCS74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS74 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Nexperia
74HCS74
Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
10. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Section 10.1.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter
Conditions
Min Typ[1] Max
Min
Max
Min
Max
Unit
nCP to nQ, nQ; see Fig. 11 [2]
VCC = 2 V
-
19
33
-
39
-
42
ns
VCC = 4.5 V
-
8
16
-
18
-
19
ns
VCC = 6 V
-
7
13
-
14
-
15
ns
VCC = 3.0 V to 3.6 V
-
10
22
-
26
-
28
ns
VCC = 4.5 V to 5.5 V
-
8
16
-
18
-
19
ns
nSD to nQ, nQ; see Fig. 12
VCC = 2 V
-
19
33
-
39
-
42
ns
VCC = 4.5 V
-
8
16
-
18
-
19
ns
VCC = 6 V
-
7
13
-
14
-
15
ns
VCC = 3.0 V to 3.6 V
-
10
22
-
26
-
28
ns
VCC = 4.5 V to 5.5 V
-
8
16
-
18
-
19
ns
nRD to nQ, nQ; see Fig. 12
VCC = 2 V
-
19
33
-
39
-
42
ns
VCC = 4.5 V
-
8
16
-
18
-
19
ns
VCC = 6 V
-
7
13
-
14
-
15
ns
VCC = 3.0 V to 3.6 V
-
10
22
-
26
-
28
ns
tpd
propagation
delay
VCC = 4.5 V to 5.5 V
-
8
16
-
18
-
19
ns
nCP HIGH or LOW;
see Fig. 11
VCC = 2 V
12
-
-
14
-
14
-
ns
VCC = 4.5 V
10
-
-
12
-
12
-
ns
VCC = 6 V
9
-
-
11
-
11
-
ns
VCC = 3.0 V to 3.6 V
11
-
-
13
-
13
-
ns
VCC = 4.5 V to 5.5 V
10
-
-
12
-
12
-
ns
nSD, nRD LOW; see Fig. 12
VCC = 2 V
11
-
-
11
-
11
-
ns
VCC = 4.5 V
11
-
-
11
-
11
-
ns
VCC = 6 V
11
-
-
11
-
11
-
ns
VCC = 3.0 V to 3.6 V
11
-
-
11
-
11
-
ns
tW
pulse width
VCC = 4.5 V to 5.5 V
11
-
-
11
-
11
-
ns
nSD, nRD; see Fig. 12
VCC = 2 V
7
-
-
7
-
7
-
ns
VCC = 4.5 V
5
-
-
5
-
5
-
ns
VCC = 6 V
5
-
-
5
-
5
-
ns
VCC = 3.0 V to 3.6 V
6
-
-
6
-
6
-
ns
trec
recovery time
VCC = 4.5 V to 5.5 V
5
-
-
5
-
5
-
ns
74HCS74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 27 June 2025
8 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com