Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS74D Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74HCS74D
Description  Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS74D Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74HCS74D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCS74D Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Nexperia
74HCS74
Dual D-type flip-flop with Schmitt-trigger inputs; set and reset; positive edge-trigger
10.1. Waveforms and test circuit
th
tsu
tsu
th
tPHL
tPHL
tW
tPLH
tPLH
1/fmax
VM
VM
VM
VM
VI
VI
VOH
VOH
VOL
VOL
GND
GND
nD input
nCP input
nQ output
aaa-004005
nQ output
tTHL
tTLH
10 %
90 %
10 %
90 %
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 11. Propagation delay input (nCP) to output (nQ, nQ), output transition time, clock input (nCP) pulse width,
set-up and hold and the maximum frequency (nCP)
74HCS74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 27 June 2025
10 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com