Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLT2H-LP Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # MLT2H-LP
Description  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MLT2H-LP Datasheet(HTML) 7 Page - PANDUIT CORP.

  MLT2H-LP Datasheet HTML 1Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 2Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 3Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 4Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 5Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 6Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 7Page - PANDUIT CORP. MLT2H-LP Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Permanent Identification System
Panduit Custom Marking Service
Embossing Service
Laser Etching Service
• Used on rectangular metal marker plates
and tags which are a maximum of .020 inches
(.5mm) thick, and minimum .038 inches
(10mm) width
• Excellent for applications that are exposed
to dirt and paint
• Upper case “raised” characters
• Alphanumeric and sequential numbering
• Used on all metal marker plates, tags,
and cable ties
• BOLD block letters
• Upper and lower case character capability
• Ability to create text and graphics
• Alphanumeric and sequential numbering
Panduit’s Custom Marking Service simplifies identification with high quality, made-to-order custom embossed marker plates and
tags or laser-etched cable ties, marker plates, and tags. Panduit offers rapid direct shipment with fast turn around on custom
marking orders worldwide. Work with Panduit to create an effectively identified infrastructure.
Use the online order form, GA2-0218 - Pan-Steel Custom Form:
• Receive support on selecting the proper marker plate or tag best suited for your application: https://www.panduit.com/content/dam/panduit/
en/support/flex-fiber-cabling/Pan-Steel-Custom-Order-Form.xls
• Obtain answers to frequently asked questions
• Gain knowledge on the various material options available
Once completed, email your order form to your authorized Panduit distributor for order placement or contact Panduit customer service
for assistance.
Available Character Sizes: (for laser-etched tags only)
1/8"
(3.18mm)
For high character volume tags
3/16"
(4.77mm)
The most common size
1/4"*
(6.35mm)
Larger font for greater visibility
5/16"*
(7.94mm)
Maximum visibility for tags requiring
only a few characters
* Please advise if this size is requested as it is not stated on the
custom form.
7
Online
Form!



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com