Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000VYC-WH Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # T024X000VYC-WH
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000VYC-WH Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button T024X000VYC-WH Datasheet HTML 4Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 5Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 6Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 7Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 8Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 9Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 10Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 11Page - PANDUIT CORP. T024X000VYC-WH Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Label cassette designed for use with the Ultimate ID® Faceplates, Patch Panels, Marker Ties, Modular Furniture Faceplates,
and Surface Mount Boxes
• Labels assist in the compliance of TIA-606-B labeling standard
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Reflective material improves label visibility in low light conditions
• For flat label applications only
Non-Adhesive Polyester
-10°F to 311°F (-23°C to 155°C)
Polyolefin (FJ)
-40°F to 180°F (-40°C to 82°C)
Reflective Polymer Film (R)
-40°F to 180°F (-40°C to 82°C)
Part Number
Ribbon and Material
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T100X000RPC-BK
Black on White
1.00
25.4
18.0
5.5
1
10
T100X000RUC-BK
Black on Orange
1.00
25.4
18.0
5.5
1
10
T100X000RXC-BK
Black on Yellow
1.00
25.4
18.0
5.5
1
10
Order number of labels required in multiples of Std. Pkg. Qty.
Order number of labels required in multiples of Std. Pkg. Qty.
Order number of labels required in multiples of Std. Pkg. Qty.
Part Number
Ribbon and Material
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
UILS8BW
Black on White
0.24
6.0
25.0
7.6
1
10
Part Number
Ribbon and Material
Color
Height
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
T019X000FJC-BK
Black on White
0.19
4.8
25.0
7.6
1
10
T024X000FJC-BK
Black on White
0.24
6.1
25.0
7.6
1
10
T031X000FJC-BK
Black on White
0.31
7.9
25.0
7.6
1
10
T038X000FJC-BK
Black on White
0.38
9.7
25.0
7.6
1
10
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Print terminal block labels ranging in size from 0.19 inches to 0.38 inches
Continuous Terminal Block Label Cassettes
Continuous Reflective Tape Cassettes
Ultimate ID® Network Label Cassette



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com