Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2/1 Datasheet(PDF) 1 Page - HellermannTyton.

Part # 2/1
Description  Low-Heat Shrinkable Tubing 2:1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

2/1 Datasheet(HTML) 1 Page - HellermannTyton.

  2/1 Datasheet HTML 1Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.1
209
Further information at www.HellermannTyton.com/insulation
For product specific approvals and specifications please refer to the Appendix.
Insulation
Heat Shrinkable Tubing
MATERIAL
Polyolefin, cross-linked (PO-X)
Shrink Ratio
2:1
Operating Temperature -55 °C to +125 °C
Minimum Shrink
Temperature
+100 °C
Longitudinal change
after shrinkage
+/-5 %
Dielectric Strength
20kV/mm according to ASTM D2671
Flammability
Self extinguishing
Specifications
CSA, UL224 125 °C 600V VW-1
TCN20 is suitable for a wide range of applications such as electrical
insulation, mechanical protection and cable bundling.
Features and Benefits
• Thin walled general purpose polyolefin tubing
• Highly flame-retardant, UL224 VW-1 , CSA
• Fast shrinking
• Low shrink temperature
Low-Heat Shrinkable Tubing 2:1
Heat Shrink Tubing TCN20.
TCN20 - self extinguishing
Heat Shrinkable Tubing 2:1
TYPE
Supplied
Ø D min.
Size
(imperial)
Recov.
Ø d max.
Wall
(WT)
Reel
Length
Colour
Article-No.
TCN20-1.2/0.6
1.2
3/64 "
0.6
0.30
300 m
Black (BK)
300-73010
TCN20-1.6/0.8
1.6
1/16 "
0.8
0.35
300 m
Black (BK)
300-73020
TCN20-2.4/1.2
2.4
3/32 "
1.2
0.45
300 m
Black (BK)
300-73030
TCN20-3.2/1.6
3.2
1/8 "
1.6
0.45
300 m
Black (BK)
300-73040
TCN20-4.8/2.4
4.8
3/16 "
2.4
0.50
300 m
Black (BK)
300-73050
TCN20-6.4/3.2
6.4
1/4 "
3.2
0.55
300 m
Black (BK)
300-73060
TCN20-9.5/4.8
9.5
3/8 "
4.8
0.55
100 m
Black (BK)
300-73070
TCN20-12.7/6.4
12.7
1/2 "
6.4
0.65
100 m
Black (BK)
300-73080
TCN20-19.1/9.5
19.1
3/4 "
9.5
0.80
60 m
Black (BK)
300-73090
TCN20-25.4/12.7
25.4
1 "
12.7
0.90
60 m
Black (BK)
300-73100
TCN20-38.1/19.1
38.1
1-1/2 "
19.1
1.02
30 m
Black (BK)
300-73110
TCN20-50.8/25.4
50.8
2 "
25.4
1.15
30 m
Black (BK)
300-73120
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content.
Detailed Information about
Heatguns please refer to page 529.


Similar Description - 2/1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZHTM MACOM-ZHTM Datasheet
89Kb / 2P
Heat-Shrinkable, Flexible Tubing with Low Toxicity for Fire Safety Applications
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
CGAT MACOM-CGAT Datasheet
48Kb / 2P
Adhesive lined polyolefin heat-shrinkable tubing
0070832002 MACOM-0070832002 Datasheet
31Kb / 2P
Semirigid, encapsulant-lined, heat-shrinkable tubing
logo
List of Unclassifed Man...
SH275-4 ETC2-SH275-4 Datasheet
85Kb / 3P
Heat Shrinkable Irradiated Polyolefin Tubing
logo
Alpha Wire
FIT350 ALPHAWIRE-FIT350 Datasheet
25Kb / 3P
Heat Shrinkable Tubing
logo
List of Unclassifed Man...
PP2130 ETC2-PP2130 Datasheet
271Kb / 4P
Heat Shrink Tubing 2 1 Ratio
logo
TE Connectivity Ltd
DR-25 TEC-DR-25 Datasheet
107Kb / 2P
Heat-Shrinkable Tubing
logo
Tyco Electronics
DWP-125 MACOM-DWP-125 Datasheet
74Kb / 2P
Flexible, flame-retardant, adhesive-lined, polyolefin heat-shrinkable tubing
2005
logo
List of Unclassifed Man...
ST-DG ETC1-ST-DG Datasheet
496Kb / 1P
Low Smoke Heat-Shrinkable Rubber Tubing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com