Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8TS02505 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8TS02505
Description  Switch Mode Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8TS02505 Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8TS02505 Datasheet HTML 1Page - Omron Electronics LLC S8TS02505 Datasheet HTML 2Page - Omron Electronics LLC S8TS02505 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B-54
Switch Mode Power Supply
S8TS
Specifications
■ Ratings/Characteristics
24/12-V Models (Basic Block: S8TS-06024
@/S8TS-03012@)
Note 1. Refer to page B-59 for details on adjusting the output voltage for parallel operation. If set to less than
−10%, the undervoltage detection
function may operate. Ensure that the output capacity and output current after adjustment do not exceed the rated output capacity and
rated output current respectively.
2. Class 2 approval does not apply to parallel operation.
3. The output current is specified at power output terminals.
4. Refer to the explanations of functions on page B-56 for details.
5. Be sure to mount End Plates (PFP-M) on both ends of the Power Supply.
Item
Single operation
Parallel operation
Efficiency
24-V models: 75% min.; 12-V models: 70% min. (with rated input, 100% load)
Input
Voltage
100 to 240 VAC (85 to 264 VAC)
Frequency
50/60 Hz (47 to 63 Hz)
Current
100 V input
24-V models: 1.0 A max.
12-V models: 0.7 A max.
24-V models: 1.0 A
× (No. of Blocks) max.
12-V models: 0.7 A
× (No. of Blocks) max.
200 V input
24-V models: 0.5 A max.
12-V models: 0.4 A max.
24-V models: 0.5 A
× (No. of Blocks) max.
12-V models: 0.4 A
× (No. of Blocks) max.
Power factor
24-V models: 0.9 min.; 12-V models: 0.8 min. (with rated input, 100% load) (See note 3.)
Leakage current
100 V input
0.35 mA max.
0.35 mA
× (No. of Blocks) max.
240 V input
0.7 mA max.
0.7 mA
× (No. of Blocks) max.
Inrush current
(25°C, cold start)
(See note 4.)
100 V input
25 A max.
25 A
× (No. of Blocks) max.
200 V input
50 A max.
50 A
× (No. of Blocks) max.
Output (See
note 3.)
Voltage adjustment range
24-V models: 22 to 28 V
12-V models: 12 V
±10% (with V.ADJ) (See note 1.)
Ripple
2% (p-p) max.
Input variation influence
0.5% max. (with 85 to 264 VAC input, 100% load)
Load variation influence
2% max. (with rated input, 10% to 100% load)
3% max. (with rated input, 10% to 100% load)
Temperature variation influence
0.05%/
°C max. (with rated input and output)
Startup time (See note 4.)
1,000 ms max.
Hold time (See note 4.)
20 ms min. (with 100/200 VAC, rated input)
Additional
functions
Overcurrent protection (See note 4.)
105% to 125% of rated load current, inverted L drop
type, automatic reset
100% to 125% of rated load current inverted L drop
type, automatic reset
Overvoltage protection (See note 4.)
Yes
Parallel operation
Yes, 4 Blocks max.
N+1 redundant system
Yes, 5 Blocks max.
Series operation
Yes
Undervoltage indicator (See note 4.)
Yes (color: red)
Undervoltage detection output (See
note 4.)
Yes (open collector output), 30 VDC max., 50 mA max.
Other
Ambient operating temperature (See
note 4.)
Operating:
Refer to the derating curve in Engineering Data.
Storage:
−25 to 65°C (with no icing or condensation)
Ambient humidity
Operating:
25% to 85%; Storage: 25% to 90%
Dielectric strength
3.0 kVAC, 50/60 Hz for 1 minute (between all inputs and all outputs; detection current: 20 mA)
2.0 kVAC, 50/60 Hz for 1 minute (between all inputs and GR terminal; detection current: 20 mA)
1.0 kVAC for 1 minute (between all outputs and GR terminal; detection current: 20 mA)
Insulation resistance
100 M
Ω min. (between all outputs and all inputs, and between all outputs and GR terminal) at 500 VDC
Vibration resistance
10 to 55 Hz, 0.375-mm single amplitude for 2 h each in X, Y, and Z directions
Shock resistance
150 m/s2, 3 times each in
±X, ±Y, and ±Z directions
Output indicator
Yes (color: green)
Electromagnetic interference
Conforms to FCC Class A, EN50081-1
EMI
Conforms to EN50081-1/1992
Power factor correction
Conforms to EN61000-3-2, EN61000-3-2 A14
EMS
Conforms to EN61000-6-2/1999
Approved standards
UL:
508 (Listing; Class 2: Per UL1310), 1950, 1604 (Class I, Division 2, Groups A, B, C, D
Hazardous Locations))
cUL:
CSA C22.2 No.14, No.213 (Class I, Division 2, Groups A, B, C, D
Hazardous Locations), No. 950 (Class 2) (See note 2.)
EN/VDE: EN50178 (=VDE0160), 60950 (=VDE0806)
Weight
450 g max.
450 g
× (No. of Blocks) max.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com