Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7699BCPZ
Description  16-Bit, 8-Channel, 500 kSPS PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD7699BCPZ Datasheet HTML 1Page - Analog Devices AD7699BCPZ Datasheet HTML 2Page - Analog Devices AD7699BCPZ Datasheet HTML 3Page - Analog Devices AD7699BCPZ Datasheet HTML 4Page - Analog Devices AD7699BCPZ Datasheet HTML 5Page - Analog Devices AD7699BCPZ Datasheet HTML 6Page - Analog Devices AD7699BCPZ Datasheet HTML 7Page - Analog Devices AD7699BCPZ Datasheet HTML 8Page - Analog Devices AD7699BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD7699
Rev. F | Page 5 of 32
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Total Harmonic Distortion
fIN = 20 kHz
−97
dB
Spurious-Free Dynamic Range
fIN = 20 kHz
112
dB
Channel-to-Channel Crosstalk
fIN = 100 kHz on adjacent channel(s)
−125
dB
SAMPLING DYNAMICS
−3 dB Input Bandwidth
Full bandwidth
14
MHz
¼ bandwidth
3.6
MHz
Aperture Delay
VDD = 5 V
2.5
ns
INTERNAL REFERENCE
REF Output Voltage
At 25°C
4.086
4.096
4.106
V
REFIN Output Voltage6
At 25°C
2.3
V
REF Output Current
±300
µA
Temperature Drift
±10
ppm/°C
Line Regulation
VDD = 5 V ± 5%
±15
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 10 µF
5
ms
EXTERNAL REFERENCE
Voltage Range
REF input
0.5
VDD + 0.3
V
REFIN input (buffered)
0.5
VDD − 0.2
V
Current Drain
500 kSPS, REF = 5 V
100
µA
TEMPERATURE SENSOR
Output Voltage7
At 25°C
283
mV
Temperature Sensitivity
1
mV/°C
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format8
Pipeline Delay9
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
Specified performance
4.5
5.5
V
VIO
Specified performance
1.8
VDD + 0.3
V
Standby Current10, 11
VDD and VIO = 5 V, at 25°C
50
nA
Power Dissipation
VDD = 5 V, 100 kSPS throughput
5.2
µW
VDD = 5 V, 500 kSPS throughput
26
29
mW
VDD = 5 V, 500 kSPS throughput with internal reference
28
32
mW
Energy per Conversion
52
nJ
TEMPERATURE RANGE12
Specified Performance
TMIN to TMAX
−40
+85
°C
1
See the Analog Inputs section.
2
The bandwidth is set with the configuration register.
3
LSB means least significant bit. With the 5 V input range, one LSB = 76.3 µV.
4
See the Terminology section. These specifications include full temperature range variation but not the error contribution from the reference.
5
All specifications expressed in decibels are referred to a full-scale input FSR and tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
6
This is the output from the internal band gap.
7
The output voltage is internal and present on a dedicated multiplexer input.
8
Unipolar mode: serial 16-bit straight binary.
Bipolar mode: serial 16-bit twos complement.
9
Conversion results available immediately after completed conversion.
10
With all digital inputs forced to VIO or GND as required.
11
During acquisition phase.
12
Contact an Analog Devices, Inc., sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com