Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8422ACPZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8422ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8422ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
AD8422
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. C | 11 of 28
Table 4.
Parameter
Rating
Supply Voltage
±2.3 V to ±18 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage at −IN or +IN1
−VS + 40 V
Minimum Voltage at −IN or +IN
+VS − 40 V
Maximum Voltage at REF
±VS ± 0.3 V
Temperature
Storage Range
−65°C to +150°C
Operating Range
−40°C to +125°C
Maximum Junction
150°C
1 For voltages beyond these limits, use input protection resistors. See the
Theory of Operation section for more information.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the junction to ambient thermal resistance, and θJC is the
junction to case thermal resistance.
Table 5. Thermal Resistance
Package
θJA1
θJC
Unit
R-8
113
51
°C/W
Table 5. Thermal Resistance (Continued)
Package
θJA1
θJC
Unit
RM-8
151
59
°C/W
CP-8-19
55
59
°C/W
1 θJA is specified for a device in free air using a 4-layer JEDEC PCB.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD-protected area only.
Human body model (HBM) per ESDA/JEDEC JS-001-2011.
Charged device model (CDM) per JESD22-C101.
Machine model (MM) per JESD22-A115. MM voltage values are for
characterization only.
ESD Ratings for AD8422
Table 6. AD8422, 8-Lead SOIC_N, 8-Lead MSOP, and 8-Lead LFCSP
ESD Model
Withstand Threshold
Class
HBM
2.5 kV
2
CDM
1.25 kV
IV
MM
100 V
Not applicable
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com