Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2T18A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM2T18A
Description  Transient Voltage Suppressor: TRANSIL ?
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM2T18A Datasheet(HTML) 2 Page - STMicroelectronics

  SM2T18A Datasheet HTML 1Page - STMicroelectronics SM2T18A Datasheet HTML 2Page - STMicroelectronics SM2T18A Datasheet HTML 3Page - STMicroelectronics SM2T18A Datasheet HTML 4Page - STMicroelectronics SM2T18A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM2T series
2/5
Types
IRM max@VRM
VBR min@IR
VCL max@IPP
Note 1
T max
10-4/°C
C typ
at 0V
SM2T6V8A
50µA
5V
6.4V
10 mA
9.2V
19.6A
5.7
1600pF
SM2T14A
1µA
12V
13.3V
1 mA
19.9V
9.0A
8.3
650pF
SM2T18A
1µA
16V
17.1V
1 mA
26V
7A
8.8
500pF
SM2T27A
1µA
24V
25.7V
1 mA
38.9V
4.6A
9.6
350pF
Note 1: 10/1000µs pulse waveform.
1.E+01
1.E+02
1.E+03
1.E+04
0.01
0.10
1.00
10.00
t (ms)
P
T
j initial = 25°C
P (W)
PP
Fig. 1: Peak pulse power versus exponential pulse dura-
tion.
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
175
Tj(°C)
%
Fig. 2: Relative variation of peak pulse power versus initial
junction temperature.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com