Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422BRMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8422BRMZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422BRMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8422BRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8422BRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
AD8422
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. C
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Low power: 368 µA maximum quiescent current
►
Rail-to-rail output
►
Low noise and distortion
►
8 nV/√Hz maximum input voltage noise at 1 kHz
►
0.15 µV p-p RTI noise (G = 100)
►
0.5 ppm nonlinearity with 2 kΩ load (G = 1)
►
Excellent ac specifications
►
80 dB minimum CMRR at 10 kHz (G = 1)
►
2.2 MHz bandwidth (G = 1)
►
High precision dc performance (AD8422BRZ)
►
150 dB minimum CMRR (G = 1000)
►
0.04% maximum gain error (G = 1000)
►
0.3 µV/°C maximum input offset drift
►
0.5 nA maximum input bias current
►
Wide supply range
►
4.6 V to 36 V single supply
►
±2.3 V to ±18 V dual supply
►
Input overvoltage protection: 40 V from opposite supply
►
Gain range: 1 to 1000
►
Available in 8-lead LFCSP, 8-lead MSOP, and 8-lead SOIC_N
APPLICATIONS
►
Medical instrumentation
►
Industrial process controls
►
Strain gages
►
Transducer interfaces
►
Precision data acquisition systems
►
Channel-isolated systems
►
Portable instrumentation
TYPICAL APPLICATION DIAGRAM
Figure 1. Bridge Amplifier with Output Zero Adjust
GENERAL DESCRIPTION
The AD8422 is a high precision, low power, low noise, rail-to-rail
instrumentation amplifier that delivers the best performance per unit
microampere in the industry. The AD8422 processes signals with
ultralow distortion performance that is load independent over its full
output range.
The AD8422 is the third generation development of the industry-
standard AD620. The AD8422 employs new process technologies
and design techniques to achieve higher dynamic range and lower
errors than its predecessors, while consuming less than one-third
of the power. The AD8422 uses the high performance pinout
introduced by the AD8221.
Very low bias current makes the AD8422 error free with high source
impedance, allowing multiple sensors to be multiplexed to the
inputs. Low voltage noise and low current noise make the AD8422
an ideal choice for measuring a Wheatstone bridge.
The wide input range and rail-to-rail output of the AD8422 bring
all of the benefits of a high performance in-amp to single-supply
applications. Whether using high or low supply voltages, the power
savings make the AD8422 an excellent choice for high channel
count or power sensitive applications.
The AD8422 uses robust input protection that ensures reliability
without sacrificing noise performance. The AD8422 has high ESD
immunity, and the inputs are protected from continuous voltages up
to 40 V from the opposite supply rail.
A single resistor sets the gain from 1 to 1000. The reference pin
can be used to apply a precise offset to the output voltage.
The AD8422 is specified from −40°C to +85°C for the 8-lead MSOP
and the 8-lead SOIC_N and from −40°C to +125°C for the 8-lead
LFCSP.


Similar Part No. - AD8422BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8422BRMZ-R7 AD-AD8422BRMZ-R7 Datasheet
697Kb / 24P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8422BRMZ-R7 AD-AD8422BRMZ-R7 Datasheet
685Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. A
AD8422BRMZ-R7 AD-AD8422BRMZ-R7 Datasheet
676Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. A
AD8422BRMZ-R7 AD-AD8422BRMZ-R7 Datasheet
653Kb / 27P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
More results

Similar Description - AD8422BRMZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA326 TI-INA326 Datasheet
459Kb / 21P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA326 TI-INA326_07 Datasheet
612Kb / 23P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8422 AD-AD8422 Datasheet
697Kb / 24P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. 0
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA188 TI1-INA188 Datasheet
1Mb / 37P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
INA326 TI1-INA326_14 Datasheet
1Mb / 26P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
INA188 TI1-INA188_16 Datasheet
1Mb / 40P
Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
logo
Analog Devices
AD8422 AD-AD8422_16 Datasheet
685Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
REV. A
AD8422 AD-AD8422_17 Datasheet
676Kb / 25P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. A
AD8422 AD-AD8422_V01 Datasheet
653Kb / 27P
High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com