Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073249 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4073249
Description  Standard Quick Wire Thermocouple Connector Plug & Socket IS-T-MQFQ Type T IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073249 Datasheet(HTML) 1 Page - Labfacility Ltd

  4073249 Datasheet HTML 1Page - Labfacility Ltd 4073249 Datasheet HTML 2Page - Labfacility Ltd 4073249 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Quick Wire Thermocouple Connector
Plug & Socket
IS-T-MQ+FQ Type T IEC
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 4073249

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4073240 LABFACILITY-4073240 Datasheet
782Kb / 3P
Standard Quick Wire Thermocouple Connector Plug & Socket AS-K-MQFQ Type K ANSI
Dec-23
4073242 LABFACILITY-4073242 Datasheet
783Kb / 3P
Standard Quick Wire Thermocouple Connector Plug & Socket AS-T-MQFQ Type T ANSI
Dec-23
4073243 LABFACILITY-4073243 Datasheet
819Kb / 3P
Miniature Quick Wire Connector Thermocouple Plug & Socket AM-T-MQFQ Type T ANSI
Dec-23
4073244 LABFACILITY-4073244 Datasheet
774Kb / 3P
Standard Thermocouple Connector Plug & Socket IS-K-MF Type K IEC
Dec-23
4073245 LABFACILITY-4073245 Datasheet
772Kb / 3P
Standard Thermocouple Connector Plug & Socket IS-T-MF Type T IEC
Dec-23
More results

Similar Description - 4073249

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM1739 CML-CM1739 Datasheet
219Kb / 1P
T-1 3/4 Wire Terminal (standard)
CM6151 CML-CM6151 Datasheet
226Kb / 1P
T-1 Wire Terminal (standard)
CM8798 CML-CM8798 Datasheet
225Kb / 1P
T-1 Wire Terminal (standard)
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
0805<2.0 1.25 t=0.8mm> Standard Type
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
logo
WAGO Kontakttechnik Gmb...
750-469-000-002 WAGO-750-469-000-002 Datasheet
442Kb / 11P
2-channel analog input; Thermocouple T; Diagnostics
logo
TE Connectivity Ltd
C-2379239 TEC-C-2379239 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com