Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073251 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4073251
Description  Miniature Thermocouple Connector Plug & Socket JM-K-MF Type K JIS (Pack of 10 Pairs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073251 Datasheet(HTML) 2 Page - Labfacility Ltd

  4073251 Datasheet HTML 1Page - Labfacility Ltd 4073251 Datasheet HTML 2Page - Labfacility Ltd 4073251 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
MULTI CONNECTORS - 71 (K)
Mar-24
Specifications
General Description
Ideal for general purpose use. Contacts are polarised to ensure
correct connection
Thermocouple Type
K JIS
Connector Size
Miniature
Pack Size
10 Pairs
Connector Type
Plug & Socket
Colour
Blue
Max. Temperature
220°C
Pins
Flat Pins
+Positive Contact
Nickel Chromium
-Negative Contact
Nickel Alloy
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple
Type
Colour
Code
Size
Style
Manufacturers
Number
Pack Size
Farnell order
Number
K
JIS
Miniature
Plug &
Socket
JM-K-M+F
1 Pair
4073251
K
JIS
Miniature
Plug &
Socket
JM-K-M+F
10 Pairs
XF-2858-FAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com