Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K-ABT-2 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # K-ABT-2
Description  Adjustable Bayonet Thermocouple
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

K-ABT-2 Datasheet(HTML) 1 Page - Labfacility Ltd

  K-ABT-2 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Thermocouple with adjustable insertion depth
•
6.0mm diameter tip
•
200mm spring with adjustable fixing cap (11.4mm I.D. single slot)
•
Glass fibre insulated lead with stainless steel over braid, 7/0.2mm
•
Overall Length 2 Metres
•
Rated 350°C
•
Type J or K available
Type
Labfacility Code Farnell code
Type K
K-ABT-2
707-9813
Type J
J-ABT-2
707-9801
Adjustable Bayonet Thermocouple
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
elements in the continued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accreditation.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
121/0414 -Adjustable Bayonet Thermocouple


Similar Part No. - K-ABT-2

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
K-A1A-XXX LEACH-K-A1A-XXX Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
K-A1B-XXX LEACH-K-A1B-XXX Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
K-A1C-XXX LEACH-K-A1C-XXX Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
K-A1M-XXX LEACH-K-A1M-XXX Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
More results

Similar Description - K-ABT-2

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
VC18602250 VCC-VC18602250 Datasheet
338Kb / 1P
Bayonet Based LED
logo
Winchester Electronics ...
758-34-9 WINCHESTER-758-34-9 Datasheet
35Kb / 1P
SLEEVE, BAYONET, BNC
logo
TT Electronics.
DS3012 TTELEC-DS3012 Datasheet
287Kb / 1P
Adjustable Bayonet Thermocouple
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
WAGO Kontakttechnik Gmb...
750-469-003-000 WAGO-750-469-003-000 Datasheet
462Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
750-458 WAGO-750-458 Datasheet
542Kb / 11P
8-channel analog input; Thermocouple; Adjustable
750-498 WAGO-750-498 Datasheet
494Kb / 10P
8-channel analog input; Thermocouple; Adjustable
750-469-040-000 WAGO-750-469-040-000 Datasheet
536Kb / 11P
2-channel analog input; Thermocouple; Adjustable; Extreme
753-469-003-000 WAGO-753-469-003-000 Datasheet
472Kb / 12P
2-channel analog input; Thermocouple K; Diagnostics, adjustable
logo
Pepperl+Fuchs Inc.
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com