Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-R-M Datasheet(PDF) 2 Page - Labfacility Ltd

Part # IS-R-M
Description  Standard Thermocouple Connector Plug IS-R/S-M Type R/S IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IS-R-M Datasheet(HTML) 2 Page - Labfacility Ltd

  IS-R-M Datasheet HTML 1Page - Labfacility Ltd IS-R-M Datasheet HTML 2Page - Labfacility Ltd IS-R-M Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
CONNECTORS - 44 (R-S)
Dec-23
Specifications
General Description
Contacts are polarised to prevent incorrect connection
Thermocouple Type
R/S IEC
Connector Size
Standard
Connector Type
Plug
Colour
Orange
Max. Temperature
220°C
Pins
Solid Round Pins
+Positive Contact
Copper
-Negative Contact
Copper Alloy
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Thermocouple Type
Colour
Code
Size
Style
Manufacturers
Number
Farnell order
Number
R/S
IEC
Standard
Plug
IS-R/S-M
7087950



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com