Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

635P2C2 Datasheet(PDF) 1 Page - CTS Corporation

Part # 635P2C2
Description  LVPECL or LVDS CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

635P2C2 Datasheet(HTML) 1 Page - CTS Corporation

  635P2C2 Datasheet HTML 1Page - CTS Corporation 635P2C2 Datasheet HTML 2Page - CTS Corporation 635P2C2 Datasheet HTML 3Page - CTS Corporation 635P2C2 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0284-0
Page 1 - 4
Rev. D
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 635
LVPECL or LVDS CLOCK OSCILLATOR
FEATURES
• Standard 7.5x5.0mm Surface Mount Footprint
• Differential LVPECL or LVDS Output
• Fundamental or Overtone Crystal
• Low Phase Jitter
• Frequency Range 19.44 – 250 MHz
• Frequency Stability, ±50 ppm Standard
(±20 ppm, ±25 ppm and ±100 ppm available)
• +2.5Vdc or +3.3Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS/Green Compliant (6/6)
ORDERING INFORMATION
* - Not available with 'I' temperature range. Consult factory for availability before ordering.
635
OUTPUT TYPE
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
OPERATING TEMPERATURE RANGE
C = -20°C to +70°C (standard)
I = -40°C to +85°C
P = PECL, Pin 1 Enable Pin 2 N.C. (standard)
L = LVDS, Pin 1 Enable Pin 2 N.C. (standard)
E = PECL, Pin 2 Enable Pin 1 N.C.
V = LVDS, Pin 2 Enable Pin 1 N.C.
FREQUENCY STABILITY
SUPPLY VOLTAGE
2 = 2.5 Vdc
3 = 3.3 Vdc
6 = ± 20 ppm *
5 = ± 25 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm (over -40°C to 85°C only)
Example Part Number: 635P3C3155M5200
DESCRIPTION
The Model 635 is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - 635P2C2

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
635PMB700K# ILLINOISCAPACITOR-635PMB700K# Datasheet
661Kb / 5P
Power semiconductor module protection - High pulse and
635PSB700K2R ILLINOISCAPACITOR-635PSB700K2R Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
635PSB700K4R ILLINOISCAPACITOR-635PSB700K4R Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
635PSB700K6R ILLINOISCAPACITOR-635PSB700K6R Datasheet
433Kb / 11P
Power semiconductor module protection - High pulse and rms current ??Multiple Leads
More results

Similar Description - 635P2C2

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ Datasheet
264Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Advanced Crystal Techno...
ACT9SKV-6 ACT-ACT9SKV-6 Datasheet
134Kb / 3P
LVPECL or LVDS Voltage Controlled Oscillator
2/11/05
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
MTRONPTI
M5R MTRONPTI-M5R_07 Datasheet
370Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Maxim Integrated Produc...
DS4M125 MAXIM-DS4M125 Datasheet
138Kb / 7P
3.3V Margining Clock Oscillator with LVPECL/LVDS Output
Rev 0; 12/07
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
Very Low Jitter LVPECL or LVDS Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com