Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G02GS Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G02GS
Description  Single 2-input NOR gate
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G02GS Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC1G02GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G02GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Nexperia
74LVC1G02
Single 2-input NOR gate
10. Static characteristics
Table 7. Static characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-
V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-
V
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-
0.3VCC V
VI = VIH or VIL
IO = -100 μA;
VCC = 1.65 V to 5.5 V
VCC - 0.1
-
-
VCC - 0.1
-
V
IO = -4 mA; VCC = 1.65 V
1.2
-
-
0.95
-
V
IO = -8 mA; VCC = 2.3 V
1.9
-
-
1.7
-
V
IO = -12 mA; VCC = 2.7 V
2.2
-
-
1.9
-
V
IO = -24 mA; VCC = 3.0 V
2.3
-
-
2.0
-
V
VOH
HIGH-level output
voltage
IO = -32 mA; VCC = 4.5 V
3.8
-
-
3.4
-
V
VI = VIH or VIL
IO = 100 μA;
VCC = 1.65 V to 5.5 V
-
-
0.1
-
0.1
V
IO = 4 mA; VCC = 1.65 V
-
-
0.45
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
-
0.3
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
-
0.80
V
VOL
LOW-level output
voltage
IO = 32 mA; VCC = 4.5 V
-
-
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
±0.1
±1
-
±1
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
±0.1
±2
-
±2
μA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
4
-
4
μA
ΔICC
additional supply
current
VCC = 2.3 V to 5.5 V;
VI = VCC - 0.6 V; IO = 0 A; per pin
-
5
500
-
500
μA
CI
input capacitance VCC = 3.3 V; VI = GND to VCC
-
5
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
74LVC1G02
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 17.1 — 2 September 2024
5 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com