Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G34GS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G34GS
Description  Single buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G34GS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC1G34GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC1G34GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
74LVC1G34
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 5 December 2016
3 of 19
NXP Semiconductors
74LVC1G34
Single buffer
6. Pinning information
6.1 Pinning
6.2 Pin description
Fig 4.
Pin configuration SOT353-1 and SOT753
Fig 5.
Pin configuration SOT886
Fig 6.
Pin configuration SOT891, SOT1115 and
SOT1202
Fig 7.
Pin configuration SOT1226 (X2SON5)
Table 3.
Pin description
Symbol
Pin
Description
TSSOP5 and X2SON5
XSON6
n.c.
1
1
not connected
A
2
2
data input
GND
3
3
ground (0 V)
Y
4
4
data output
n.c.
-
5
not connected
VCC
5
6
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com