Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB3-C Datasheet(PDF) 2 Page - CTS Corporation

Part # CB3-C
Description  HCMOS/TTL CLOCK OSCILLATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3-C Datasheet(HTML) 2 Page - CTS Corporation

  CB3-C Datasheet HTML 1Page - CTS Corporation CB3-C Datasheet HTML 2Page - CTS Corporation CB3-C Datasheet HTML 3Page - CTS Corporation CB3-C Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0257-0
Page 2 - 4
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Stratum IV CB3 & CB3LV
7.5x5.0mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-1.5
-
80
MHz
Frequency Stability
(See Note 1 and Ordering Information)
∆f/fO
20 Years
-
-
32
± ppm
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Supply Voltage
CB3
4.5
5.0
5.5
CB3LV
3.0
3.3
3.6
Supply Current
CB3
1.5 MHz to 20 MHz
CL=50pF
20.1 MHz to 80 MHz
CL=50pF
-
-
10
30
25
50
CB3LV
1.5 MHz to 20 MHz
CL=15pF
20.1 MHz to 80 MHz
CL=15pF
-
-
7
20
12
40
Output Load
CL
1.5 MHz to 50 MHz
50.1 MHz to 80 MHz
-
-
-
-
50
30
pF
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
10 TTL LOAD
0.9*VCC
VCC-0.6V
--
Logic '0' Level
VOL
CMOS
TTL Load
--
0.1*VCC
0.4
Output Current
Logic '1' Level
IOH
VOH = 3.9V/2.2V
VCC = 4.5V/3.0V
-
-
-16/-8
Logic '0' Level
IOL
VOL = 0.4V
VCC = 4.5V/3.0V
-
-
+16/+8
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels
CB3
1.5 MHz to 20 MHz
CL=50pF
20.1 MHz to 80 MHz
CL=50pF
-
-
8
4
10
8
CB3LV
1.5 MHz to 20 MHz
CL=15pF
20.1 MHz to 80 MHz
CL=15pF
-
-
6
3
8
4
Start Up Time
TS
Application of VCC
--
10
ms
Enable Function
(See Note 2)
Enable Input Voltage
VIH
Pin 1 Logic '1', Output Enabled
2.0
-
-
Disable Input Voltage
VIL
Pin 1 Logic '0', Output Disabled
-
-
0.8
Enable Time
CB3
-
-
100
ns
CB3LV
--
10
ms
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
-
1
ps RMS
Notes:
1.
2.
TA
-°C
25
VCC
± 10 %
V
ICC
mA
V
mA
TR, TF
ns
Reference CTS Application Note 014-0002-0.
V
TPLZ
Pin 1 Logic '1'
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 20 year aging at an average
operating temperature of +40 °C.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com