Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G08GF Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G08GF
Description  Dual 2-input AND gate
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G08GF Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G08GF Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G08GF Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
74LVC2G08
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 13 — 28 October 2016
9 of 22
NXP Semiconductors
74LVC2G08
Dual 2-input AND gate
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance
CL = Load capacitance including jig and probe capacitance
RT = Termination resistance should be equal to output impedance Zo of the pulse generator
VEXT = Test voltage for switching times
Fig 10. Test circuit for measuring switching times
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
 2.0 ns
30 pF
1 k
open
2.3 V to 2.7 V
VCC
 2.0 ns
30 pF
500
open
2.7 V
2.7 V
 2.5 ns
50 pF
500
open
3.0 V to 3.6 V
2.7 V
 2.5 ns
50 pF
500
open
4.5 V to 5.5 V
VCC
 2.5 ns
50 pF
500
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com