Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07GS Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G07GS
Description  Buffers with open-drain outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G07GS Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC2G07GS Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G07GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
74LVC2G07
Buffers with open-drain outputs
74LVC2G07
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 21 August 2017
4 / 19
7 Functional description
Table 4. Function table [1]
Input nA
Output nY
L
L
H
Z
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
8 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO < 0 V
-50
-
mA
Active mode
[1]
-0.5
+6.5
V
VO
output voltage
Power-down mode
[1] [2]
-0.5
+6.5
V
IO
output current
VO = 0 V to 6.5 V
-
50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
250
mW
[1]
The minimum input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For SC-88 and SC-74 packages: above 87.5 °C the value of Ptot derates linearly with 4.0 mW/K.
For X2SON6 and XSON6 packages: above 118 °C the value of Ptot derates linearly with 7.8 mW/K.
9 Recommended operating conditions
Table 6. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
Active mode
0
-
5.5
V
VO
output voltage
Power-down mode; VCC = 0 V
0
-
5.5
V
Tamb
ambient temperature
-40
-
+125 °C
VCC = 1.65 V to 2.7 V
-
-
20
ns/V
Δt/ΔV
input transition rise and
fall rate
VCC = 2.7 V to 5.5 V
-
-
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com