Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1599EBKBAT Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1599EBKBAT
Description  Hand Held Enclosures 1599 Series Flame Retardant ABS w/ PCB Standoffs, Battery Compartments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1599EBKBAT Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1599EBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5/2/2020
Hand Held Enclosures (1599 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1599
2/3
Optional Battery Holders
Designed for our battery door enclosure (part numbers
ending in BAT).
Includes all the parts required to install the battery or
batteries.
Includes the battery holder, wires and foam anti-rattle
pad.
Refer to "Battery Holder Compatibility" table below.
Optional Battery Dividers:
Grey ABS plastic panel barriers.
Insert vertically into the P.C. card guides.
Sold individually.
Refer to "Enclosures" table below for compatibility.
Optional Belt Clip
Black 1599CLIP
Gray: 1599CLIPGY
Molded from tough nylon (choice of Black or Grey).
Includes 2 nylon screws (insulated to avoid internal
interference).
Mounting template included.
Part numbers ending in "CP" come with these clips
installed. All other 1599 enclosures are compatible.
Accessory screws for mounting P.C. boards into standoffs (#4 x 1/4" pan head) P/N
1593ATS50 (qty. 50), P/N 1593ATS100 (qty. 100).
Replacement machine screw, used in flame retardant ABS 1599B series (ie...with brass
inserts). M3 - 0.5 x 20 mm 1594MS100 - Package of 100 or 1594MS100BK (black oxide)
Package of 100.
Replacement machine screw, used in flame retardant ABS 1599E, H & K series (ie...with
brass inserts). M3 - 0.5 x 12 mm 1599HMS100 - (nickel plated) Package of 100 or
1599HMS100BK (black oxide) Package of 100.
Enclosures
Standard
Economy
Color
Battery Door
Belt Clip Included
Length
Width
Depth
Battery Divider
1599BBK
Black
No
No
5.12
2.56
0.97
1599BD-BULK
1599BGY
1599BSGY
Grey
No
No
5.12
2.56
0.97
1599BD-BULK
1599BBKBAT
Black
Yes
No
5.12
2.56
0.97
1599BD-BULK
1599BGYBAT
1599BSGYBAT
Grey
Yes
No
5.12
2.56
0.97
1599BD-BULK
1599BBKCP
Black
No
Yes
5.12
2.56
0.97
1599BD-BULK
1599BGYCP
Grey
No
Yes
5.12
2.56
0.97
1599BD-BULK
1599BBKBATCP
Black
Yes
Yes
5.12
2.56
0.97
1599BD-BULK
1599BGYBATCP
Grey
Yes
Yes
5.12
2.56
0.97
1599BD-BULK
1599EBK
Black
No
No
6.70
3.35
1.33
1599ED-BULK
1599EGY
1599ESGY
Grey
No
No
6.70
3.35
1.33
1599ED-BULK
1599EBKBAT
Black
Yes
No
6.70
3.35
1.33
1599ED-BULK
1599EGYBAT
1599ESGYBAT
Grey
Yes
No
6.70
3.35
1.33
1599ED-BULK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com