Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1599EBKBAT Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1599EBKBAT
Description  Hand Held (1599 Series)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1599EBKBAT Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1599EBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1599EBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EUROPE
Basingstoke, UK +44 1256 812812
AUSTRALASIA
Queenstown, SA, Australia +61 8 8240 2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 651-0086
www
.hamm
ondmfg.com
40
©
Accessories (1599 Series)
ACCESSORIES
Belt or Pocket Clip (for hand held)
Molded from tough nylon, includes 2 nylon screws and
mounting template.
Black - 1599CLIP
Grey - 1599CLIPGY
Nylon screws for electrical
insulation and strength...
High strength nylon clip for belt or pocket...
Replacement Screws for Polystyrene
Self-tapping type, used in polystyrene
1599BS series (ie...no brass inserts).
# 4 x 3/4”
1599BTS100 - Package of 100
Self-tapping type, used in polystyrene
1599ES, HS & KS series (ie...no brass
inserts). # 4 x 5/8”
1598TS100 - Package of 100
P.C. Board Mounting Screws
Self-tapping type, used for bosses in the 1599 series
for P.C. board installation. # 4 x 1/4” (6.4 mm)
1593ATS50 - Package of 50
1593ATS100 - Package of 100
Replacement Screws for ABS
Machine screw, used in flame retardant ABS
1599B series (ie...with brass inserts).
M3 - 0.5 x 20 mm
1594MS100 - Package of 100
Machine screw, used in flame retardant ABS
1599E, H & K series (ie...with brass inserts).
M3 - 0.5 x 10 mm
1591MS100 - Package of 100
Battery Dividers (for hand held)
Grey ABS plastic panel barriers which insert vertically
into the P.C. card guides of the 1599B series.
1599BD5 - Package of 5
1599BD100 - Package of 100
Grey ABS plastic panel barriers which insert vertically
into the P.C. card guides of the 1599E series.
1599ED5 - Package of 5
1599ED100 - Package of 100
Grey ABS plastic panel barriers which insert vertically
into the P.C. card guides of the 1599H series.
1599HD5 - Package of 5
1599HD100 - Package of 100
Battery Holder Kits
• Designed for our battery door enclosures.
• Kits include all the parts required to install
the battery or batteries.
• Kit includes the battery holder, wires,
divider and foam anti-rattle pad.
r
e
b
m
u
N
t
r
a
P
r
e
d
l
o
h
y
r
e
t
t
a
B
:
r
o
f
t
i
k
y
r
e
t
t
a
B
s
t
i
F
e
r
u
s
o
l
c
n
E
r
o
o
D
:
e
z
i
S
T
I
K
W
A
A
1
H
B
ll
e
C
A
A
1K
&
H
,
E
,
B
T
I
K
W
A
A
2
H
B
s
ll
e
C
A
A
2K
&
H
,
E
,
B
T
I
K
W
A
A
A
1
H
B
ll
e
C
A
A
A
1K
&
H
,
E
,
B
T
I
K
W
A
A
A
2
H
B
s
ll
e
C
A
A
A
2K
&
H
,
E
,
B
T
I
K
W
A
A
A
3
H
B
s
ll
e
C
A
A
A
3K
&
H
,
E
T
I
K
W
A
A
A
4
H
B
s
ll
e
C
A
A
A
4K
&
H
,
E
T
I
K
1
6
S
B
ll
e
C
V
9
-
1K
&
H
,
E
,
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com