Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1597D4MPHTPC Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1597D4MPHTPC
Description  DIN Rail Mounted Enclosures
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1597D4MPHTPC Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1597D4MPHTPC Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1597D4MPHTPC Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1597D4MPHTPC Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8/18/23, 3:18 PM
DIN Rail Mounted Enclosures (1597DM Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1597dm
1/3
DIN 1
Part Number
Height
Width
Depth
Features
1597DIN1MC53
3.54
0.71
2.28
Closed Top, Closed Terminals
1597DIN1MH53
3.54
0.71
2.28
Open Top, Open Terminals
DIN 2
Part Number
Height
Width
Depth
Features
1597DIN2MC53
3.54
1.42
2.28
Closed Top, Closed Terminals
1597DIN2MH53
3.54
1.42
2.28
Open Top, Open Terminals
DIN 3
Part Number
Height
Width
Depth
Features
1597DIN3MC53
3.54
2.09
2.28
Closed Top, Closed Terminals
1597DIN3MH53
3.54
2.09
2.28
Open Top, Open Terminals
DIN 4
Part Number
Height
Width
Depth
Features
1597DIN4M53V
3.54
2.80
2.28
Open Top, Closed Terminals
1597DIN4MC53
3.54
2.80
2.28
Closed Top, Closed Terminals
1597DIN4MH53
3.54
2.80
2.28
Open Top, Open Terminals
1597DIN4MH53V
3.54
2.80
2.28
Open Top, Open Terminals, Vents
1597DIN4MH68
3.54
2.80
2.28
Open Top, Open Terminals, Tall
DIN Rail Mounted Enclosures 1597DM Series
Key Features:
Designed to mount onto standard 35mm DIN rails using integrated DIN rail mounting clip
Ideal for housing printed circuit boards, terminal blocks, and other DIN rail mounted
electronics
Snap closures for easy assembly, no hardware required
Constructed of RAL7035 light grey PPO thermoplastic
DIN group numbers refer to the number of terminals on each side of the enclosure
Accessories including bread boards, replacement DIN clips, terminal covers, and top
covers are available
NOTE: Some accessories are not compatible with all enclosures in a DIN size
group. It is recommended to check the enclosure drawing to confirm compatibility
Quality Products. Service Excellence.


Similar Part No. - 1597D4MPHTPC

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1597DIN HAMMOND-1597DIN Datasheet
110Kb / 2P
DIN Rail Mounted Enclosures 1597DIN Series
7/8/2020
1597DIN2GY HAMMOND-1597DIN2GY Datasheet
110Kb / 2P
DIN Rail Mounted Enclosures 1597DIN Series
7/8/2020
1597DIN4GY HAMMOND-1597DIN4GY Datasheet
110Kb / 2P
DIN Rail Mounted Enclosures 1597DIN Series
7/8/2020
1597DIN6GY HAMMOND-1597DIN6GY Datasheet
110Kb / 2P
DIN Rail Mounted Enclosures 1597DIN Series
7/8/2020
1597DIN9GY HAMMOND-1597DIN9GY Datasheet
110Kb / 2P
DIN Rail Mounted Enclosures 1597DIN Series
7/8/2020
More results

Similar Description - 1597D4MPHTPC

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
4712127 FIBOX-4712127 Datasheet
52Kb / 1P
DIN-35 Mounting rail, for enclosures
18.01.2023
4712201 FIBOX-4712201 Datasheet
56Kb / 1P
DIN rail frame set, for enclosures
18.01.2023
4712205 FIBOX-4712205 Datasheet
44Kb / 1P
DIN rail frame set, for enclosures
18.01.2023
9820005 FIBOX-9820005 Datasheet
49Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9820011 FIBOX-9820011 Datasheet
36Kb / 1P
DIN-15 Mounting rail, for enclosures
02.08.2023
9822001 FIBOX-9822001 Datasheet
49Kb / 1P
DIN-35 Mounting rail, for enclosures
02.08.2023
9822002 FIBOX-9822002 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822008 FIBOX-9822008 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822014 FIBOX-9822014 Datasheet
48Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
9822022 FIBOX-9822022 Datasheet
46Kb / 1P
DIN-35 Mounting rail, for enclosures
11.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com