Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN08027 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN08027
Description  80MHz SAW Filter 6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN08027 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN08027 Datasheet HTML 1Page - SIPAT Co,Ltd LBN08027 Datasheet HTML 2Page - SIPAT Co,Ltd LBN08027 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN08027
Rev. Date
2006-4-6
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
80MHz SAW Filter
6MHz Bandwidth
Part Number:LBN08027
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
79.875
80
80.125
Insertion Loss
dB
-
25.4
27
1.5 dB Bandwidth
MHz
6
6.04
-
3 dB Bandwidth
MHz
-
6.2
-
22 dB Bandwidth
MHz
-
6.77
6.8
28 dB Bandwidth
MHz
-
6.84
7.05
40 dB Bandwidth
MHz
-
6.93
8.5
Passband Variation
dB
-
1.3
1.5
Absolute Delay
usec
-
2.35
-
Ultimate Rejection
dB
37
41
-
Material Temperature coefficient
KHz/°C
-7.52
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
R1=30Ω R2=82Ω
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
R1
R2


Similar Part No. - LBN08027

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08027 SIPAT-LBN08027 Datasheet
144Kb / 3P
80MHz SAW Filter
More results

Similar Description - LBN08027

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08011 SIPAT-LBN08011 Datasheet
138Kb / 3P
80MHz SAW Filter 10MHz Bandwidth
LBS08030 SIPAT-LBS08030 Datasheet
142Kb / 3P
80MHz SAW Filter 3MHz Bandwidth
LBN08025 SIPAT-LBN08025 Datasheet
147Kb / 3P
80MHz SAW Filter 24.1MHz Bandwidth
LBN08026 SIPAT-LBN08026 Datasheet
149Kb / 3P
80MHz SAW Filter 15.1MHz Bandwidth
LBN08029 SIPAT-LBN08029 Datasheet
142Kb / 3P
80MHz SAW Filter 10MHz Bandwidth
LBN08039 SIPAT-LBN08039 Datasheet
139Kb / 3P
80MHz SAW Filter 6MHz Bandwidth
LBT08035 SIPAT-LBT08035 Datasheet
151Kb / 3P
80MHz SAW Filter 2MHz Bandwidth
LBN18404 SIPAT-LBN18404 Datasheet
259Kb / 3P
184.32MHz SAW Filter 80MHz Bandwidth
LBN24603 SIPAT-LBN24603 Datasheet
293Kb / 3P
245.76MHz SAW Filter 80MHz Bandwidth
LBS08036 SIPAT-LBS08036 Datasheet
145Kb / 3P
80MHz SAW Filter 0.1MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com