Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S050X150YAJ. Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # S050X150YAJ.
Description  Laser/Inkjet Printable Polyester Film
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

S050X150YAJ. Datasheet(HTML) 1 Page - PANDUIT CORP.

  S050X150YAJ. Datasheet HTML 1Page - PANDUIT CORP. S050X150YAJ. Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18900 Panduit Drive
Tinley Park, IL 60487
Customer Service: 800-777-3300
TDS:
Effective Date:
Revision:
GMY6
20NOV13
7
Technical Data Sheet
Page 1 of 2
 2005 PANDUIT Corp
TDS: GMY6
Laser/Inkjet Printable Polyester Film
This specification is intended to outline the physical and chemical properties of PANDUIT’s pressure sensitive laser and inkjet
printable polyester material and include the following part numbers and printable material identifiers:
Part Number Prefixes
Printable Material Suffixes
LJSL*Y
Y*J
PLL
PRODUCT SPECIFICATIONS:
Description:
Material is RoHS compliant (European Union directive 2002/95/EC).
Material is top coated to provide a laser/inkjet printable surface. This
material is halogen free.
Print Methods:
This material is recommended for laser and inkjet printing.
Adhesive:
Acrylic based, pressure sensitive permanent adhesive.
Standard Colors:
Clear with colored print-on area
Thickness:
2.0 +/- 0.3 mils (substrate and adhesive)
Service Temperature Range:
-65°F to 225°F (-54°C to 107°C)
Minimum Application Temperature:
50°F (10°C)
Storage Conditions:
Store at 70°F (21°C) and 50% Relative Humidity.
PROPERTIES:
PERFORMANCE:
Peel Adhesion to Stainless Steel:
35 oz/in width (PSTC-101, 15 min. dwell)
Shear Adhesion:
24+ hours (PSTC-107, Procedure A)
Tensile Strength:
MD 56lbs/ inch width +/- 15% (ASTM D882)
TD 72 lbs/inch width +/- 15% (ASTM D882)
Elongation:
MD 160% +/- 15% (ASTM D882)
TD 120% +/- 15% (ASTM D882)
Elevated Temperature Exposure:
After 8 hours at 275°F (135°C) there was no deterioration of the substrate
Tack:
470 g/cm
2 (ASTM D-2979-71, 1 sec dwell)
Immersion Resistance:
Printed samples were applied to stainless steel panels and immersed in “Isopar
‘L’ and Isopar ‘M’ solutions to determine if the printing would smear or if the
adhesive would degrade.
Immersion Time
Visual Changes
10 minutes
None
30 minutes
None
60 minutes
None
24 hours
None
UV Resistance:
*3000 hours equates to 5 years of assimilated
Outdoor UV exposure.
*3000 hours no change observed (ASTM G154)


Similar Part No. - S050X150YAJ.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S050X150YAJ PANDUIT-S050X150YAJ Datasheet
268Kb / 2P
Laser/Ink Jet Self-Laminating Labels
More results

Similar Description - S050X150YAJ.

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LJSL21-Y3-1 PANDUIT-LJSL21-Y3-1 Datasheet
69Kb / 1P
CUSTOMER DRAWING OPTIMUMM SELF-SAM. SASER INKJET PRINTABLE LABELS
C160X020YJJ PANDUIT-C160X020YJJ Datasheet
63Kb / 1P
OPTIMUM C160X020YJJ LASER/INKJET LABELS
C225X450FJJ PANDUIT-C225X450FJJ Datasheet
53Kb / 1P
OPTUMUM C225X450FJJ LASER/INKJET LABELS
C300X100YJJ PANDUIT-C300X100YJJ Datasheet
55Kb / 1P
OPTIMUM C300X100YJJ LASER INKJET LABELS
C350X500FJJ PANDUIT-C350X500FJJ Datasheet
48Kb / 1P
OPTIMUM C350X500FJJ LASER/INKJET LABELS
C400X100YJJ PANDUIT-C400X100YJJ Datasheet
45Kb / 1P
OPTIMUM C400X100YJJ LASER/INKJET LABELS
C10232 PANDUIT-C10232 Datasheet
42Kb / 1P
OPTIMUM CC080X020YJD LASER/INKJET LABELS
C10243 PANDUIT-C10243 Datasheet
99Kb / 1P
OPTIMUM C075X025YJJ LASER/INKJET LABELS
C10244 PANDUIT-C10244 Datasheet
72Kb / 1P
OPTIMUM C080X020YJJ LASER INKJET LABELS
S100X150YAJ PANDUIT-S100X150YAJ Datasheet
76Kb / 1P
LASER INKJET PRINTABLE LABELS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com